PART |
Description |
Maker |
40CTQ045 40TCQ045S 40CTQ045-1 40CTQ045S 40TCQ035-1 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp 45V 40A Schottky Common Cathode Diode in a TO-262 package
|
IRF[International Rectifier]
|
CZSH5-40 |
SMD Schottky Rectifier Single SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
MBR120VLSFT1 MBR120VLSFT3 |
1A 20V Schottky Rectifier Surface Mount Schottky Power Rectifier From old datasheet system
|
ON Semiconductor
|
MBR230LSFT1 MBR230LSFT1G |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
|
ON Semiconductor
|
U1FWJ44M |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
15TQ060S 15TQ060 15TQ060STRL |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 15 Amp 60V 15A Schottky Discrete Diode in a D2-Pak package 60V 15A Schottky Discrete Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
75SLQ045 75SLQ045-15 |
75V 45A Hi-Rel Schottky Discrete Diode in a SMD-1 package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 75 A, 45 V, SILICON, RECTIFIER DIODE
|
IRF[International Rectifier]
|
DSSK30-01A IXYSCORP-DSSK30-01A |
Power Schottky Rectifier with common cathode 15 A, 100 V, SILICON, RECTIFIER DIODE, TO-247AD Silicon Schottky Diodes
|
IXYS, Corp. IXYS Corporation
|
SD1060YT SD1040YT SD1080YT SD10100YT SD1020YT SD10 |
SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes) (SD1020YT - SD10100YT) SCHOTTKY BARRIER RECTIFIER
|
Pan Jit International I... Panjit International Inc PANJIT[Pan Jit International Inc.]
|