PART |
Description |
Maker |
3GPF14-A-80M-60.000 5GPF14-A-80M-60.000 3GPF14-A-8 |
14 pin DIL VCXO
|
EUROQUARTZ limited
|
M22-5320205 M22-5320246 M22-5322546 M22-5322505 M2 |
2.00 mm PITCH DIL SMT PIN HEADER ASSEMBLY 2.00mm Pitch DIL Vertical SMT Pin Header, gold, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 2.00mm Pitch DIL Vertical SMT Pin Header, tin, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin Plc
|
MVH21V1AD-R MVH21V1AG-R MVH21V1CD MVH21V1CD-R MVH2 |
VCXO, CLOCK, 3 MHz - 50 MHz, CMOS/TTL OUTPUT 8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
|
MTRONPTI
|
M22-2541605 M22-2542105 M22-2542346 |
2.00mm Pitch DIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 16 16-way 32 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch DIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 21 21-way 42 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch DIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 23 23-way
|
Harwin PLC HARWIN INC
|
3GSR14-A-80N-25.000 3GSR14-B-80N-25.000 3GSR14-C-8 |
VCXO, SINE OUTPUT, 10 MHz - 30 MHz 14 pin Dual-in-Line Sine Wave VCXO
|
EUROQUARTZ LTD EUROQUARTZ limited
|
GDA14 |
14 pin DIL
|
EUROQUARTZ limited
|
EV14GT33-200.00-2.5-30 VEV14GT33-200.00-2.5-30 VEV |
HCMOS 14 pin DIL, V Group
|
EUROQUARTZ limited
|
EMW8T33-409.60-2.5-30 VEMW8T33-409.60-2.5-30 |
HCMOS 8 pin DIL, W Group
|
EUROQUARTZ limited
|
EM14GS3-19.44-2.5-30 VEM14GS3-19.44-2.5-30 VEM14GS |
Clipped Sinewave 14 pin DIL
|
EUROQUARTZ limited
|
EMV9GT |
HCMOS 8 pin DIL, V Group
|
EUROQUARTZ limited
|
EMV14GT |
HCMOS 14 pin DIL, V Group
|
EUROQUARTZ limited
|
|