PART |
Description |
Maker |
BD675 BD679A BD677A BD677 ON0196 BD675A BD679 BD67 |
From old datasheet system 4.0 AMPERE POWER TRANSISTORS Plastic Medium-Power Silicon NPN Darlingtons DARLINGTON POWER TRANSISTORS NPN SILICON
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc Motorola, Inc.
|
2N5655 2N5656 2N5657 |
Power 1A 350V NPN POWER TRANSISTORS NPN SILICON Plastic NPN Silicon High-Voltage Power Transistor
|
ONSEMI[ON Semiconductor]
|
BUX85_D ON0262 BUX85 |
SITCHMODE NPN Silicon Power Transistors From old datasheet system 2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
|
ON Semiconductor Motorola, Inc
|
MJ10016 ON1971 MJ10015 |
NPN SILICON POWER DARLINGTON TRANSISTORS 50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS From old datasheet system
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BC818-16 BC818-25 BC818-40 Q62702-C1740 Q62702-C15 |
NPN Silicon AF Transistors 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistors BC 817 From old datasheet system
|
Diotec Semiconductor AG SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|
BDV65B BDV65A BDV65C |
Silicon NPN Power Transistors Silicon NPN Darlington Power Transistor
|
Inchange Semiconductor Company Limited
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
MJ10009 MJ10009_D ON1969 |
From old datasheet system 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
PMD11K80 PMD11K PMD11K100 PMD11K60 PMD10K80 PMD10K |
Silicon Power Darlington Transistors SILICON POWER DARLING TRANSISTORSl 12 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SD794 2SD794A 2SD794A-AZ |
3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER TRANSISTORS
|
NEC[NEC]
|