PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2SC2344 2SA1011 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2N6388 2N6387 |
DARLINGTON NPN SILICON POWER TRANSISTORS Plastic Medium-Power Silicon Transistors
|
ONSEMI[ON Semiconductor]
|
2N6387 2N6388 ON0090 |
DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERE NPN SILICON From old datasheet system
|
ONSEMI[ON Semiconductor]
|
TIP105 TIP100 TIP106 TIP101 TIP102 TIP107 ON2977 |
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 8 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB From old datasheet system DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|
BC737 BC738 |
PNP SILICON AF MEDIUM POWER TRANSISTORS (BC737 / BC738) NPN SILICON AF MEDIUM POWER TRANSISTORS
|
Micro Electronics
|
2N5682 2N5681 2N5681SMD |
100V Vce, 1A Ic, 30MHz NPN bipolar transistor NPN SILICON TRANSISTORS Expitaxial Planar NPN Transistors In jedec TO-39 Metal Case(大功率、外延平面NPN晶体管(TO-39金属封装,用于通用、放大器、开关电路))
|
SEME-LAB[Seme LAB] Semelab(Magnatec)
|
MJE2955T |
Silicon NPN Power Transistors Silicon PNP Power Transistors MJE2955T Silicon PNP Power Transistors MJE2955T
|
Savantic, Inc.
|
2SC2371 |
NPN Silicon Power Transistors 0.1 A, 300 V, NPN, Si, POWER TRANSISTOR, TO-126
|
Micro Commercial Components, Corp.
|