PART |
Description |
Maker |
2SK1365 E001341 K1365 |
FET, Silicon N Channel MOS Type(for High Speed, High Current Switching, Switching Power Supply) HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS SWITCHING POWER SUPPLY APPLICATIONS From old datasheet system FET/ Silicon N Channel MOS Type(for High Speed/ High Current Switching/ Switching Power Supply)
|
Toshiba Corporation Toshiba Semiconductor
|
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
LTC1775 LTC1775I LTC1775IGN LTC1775IS LTC1775C LTC |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 85 High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
|
Linear Technology Corporation LINER[Linear Technology]
|
2SD2271 E001173 |
NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER/ HIGH CURRENT SWITCHING APPLICATIONS) MOTOR DRIVE APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS From old datasheet system NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER, HIGH CURRENT SWITCHING APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
UC3842ADR2 UC3842A05 UC3843AD2R2 UC3843AD2R2G UC38 |
1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8 High Performance Current Mode Controllers
|
ONSEMI[ON Semiconductor]
|
AP3843 AP3842N8 AP3842N8L AP3842S8 AP3842S8L AP384 |
0.7 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDSO8 HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
|
INTEGRATED CIRCUIT TECHNOLOGY CORP ANACHIP[Anachip Corp]
|
LTC1474CMS8TRPBF |
Low Quiescent Current High Efficiency Step-DownConverters 0.75 A SWITCHING REGULATOR, 0.75 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
ISL8840AABZ ISL8842AMBZ ISL8842AABZ |
High Performance Industry Standard Single-Ended Current Mode PWM Controller 1 A SWITCHING REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO8
|
Intersil, Corp.
|
2SD2075A EE08322 2SD2075 |
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING/ LAMP/ SOLENOID DRIVE APPLICATIONS) HIGH CURRENT SWITCHING APPLICATIONS LAMP, SOLENOID DRIVE APPLICATIONS From old datasheet system NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
CMPD415010 |
SURFACE MOUNT HIGH CURRENT, HIGH SPEED SILICON SWITCHING DIODE
|
Central Semiconductor Corp
|
2SD1049 |
TRIPLE DIFFUSED PLANER TYPE HIGH CURRENT HIGH SPEED SWITCHING
|
Fuji Electric
|