PART |
Description |
Maker |
BR02 |
1.0A 2.0kV -High Voltage Medium and High Current Diodes
|
GETAI ELECTRONICS DEVIC...
|
2CLG100KV-0.2A |
High Voltage Medium Current Standard Rectifiers
|
GETAI ELECTRONICS DEVIC...
|
ULN2004L ULQ2004L 2003 ULN2023A ULN2023L ULN2024A |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces 高电压,大电流达林顿阵列 Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces HIGH-VOLTAGE/HIGH-CURRENTDARLINGTONARRAYS HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS HIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 7-Channel High-Current Darlington Array High-Voltage, High-Current Darlington Arrays(杈???靛?95V锛??浜???靛钩?昏??佃矾??????澶?????璐?浇?寸??ュ???????澶х?娴?揪??】?靛?) HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
|
NetPower Technologies, Inc. Allegro MicroSystems, Inc. AllegroMicroSystems ALLEGRO[Allegro MicroSystems]
|
CL03-08 CL03-08-1 |
High Voltage Medium Current Fast Recovery Diode
|
GETAI ELECTRONICS DEVIC...
|
STX790A-AP STX790A06 X790A STX790A |
Medium Current, High Performance, Low Voltage PNP Transistor
|
http:// STMICROELECTRONICS[STMicroelectronics]
|
STN790A_06 N790A STN790A STN790A06 |
Medium Current, High Performance, Low Voltage PNP Transistor
|
http:// STMICROELECTRONICS[STMicroelectronics]
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SA1969 |
High-Frequency Medium-Output Amplifier, Medium-Current Ultrahigh-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
BY329X1500 BY329X-1500S BY329X-1500 BY329X-1500S12 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage Damper diode fast/ high-voltage Damper diodes fast, high-voltage - I<sub>FRM</sub>: 16 A; I<sub>O (AV)</sub>: 10 A; V<sub>RRM</sub>: 1500 V; Package: SOD113 (TO-220F); Container: Horizontal, Rail Pack
|
http:// NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|