PART |
Description |
Maker |
6N60L-BTA3-R 6N60-BTA3-R 6N60L-BTA3-T 6N60-BTA3-T |
6.2 Amps, 600/650 Volts N-CHANNEL MOSFET 六点二安培,600/650伏特N通道MOSFET
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司
|
CM50DY-12H |
Dual IGBTMOD 50 Amperes/600 Volts 50 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
VIO50-06P1 VII50-06P1 VDI50-06P1 VID50-06P1 |
CONN/6 POS HDR SHRD SGL RA LK 42.5 A, 600 V, N-CHANNEL IGBT IGBT Modules in ECO-PAC 2 42.5 A, 600 V, N-CHANNEL IGBT
|
IXYS, Corp. IXYS[IXYS Corporation]
|
HGT1S20N60C3S HGTG20N60C3 HGTP20N60C3 G20N60C3 HGT |
45 A, 600 V, UFS N-Channel IGBT Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0654-6 53 45 A, 600 V, N-CHANNEL IGBT, TO-263AB 45A, 600V, UFS Series N-Channel IGBT 5A00V的,的ufs系列N沟道IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRF9520 FN2281 |
6A, 100V, 0.600 Ohm, P-Channel Power MOSFET(6A, 100V, 0.600 惟, P娌?????MOS?烘?搴??) From old datasheet system 6A 100V 0.600 Ohm P-Channel Power MOSFET 6A/ 100V/ 0.600 Ohm/ P-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
MGP11N60ED_D ON1850 MGP11N60ED ON1849 |
IGBT IN TO-220 11 A @ 90C15 A @ 25C 600 VOLTS From old datasheet system SHORT CIRCUIT RATED LOW ON-VOLTAGE 15 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
ON Semiconductor
|
CM400DY-12H |
Dual IGBTMOD 400 Amperes/600 Volts 400 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. Powerex Power Semiconductors
|
600-055 |
600-055 Calibration Key and 600-072-1 Standard and 600-086-1 Micro Gauges
|
Glenair, Inc.
|
STF2LN60K3 STD2LN60K3 STU2LN60K3 |
N-channel 600 V, 4 Ohm typ., 2 A, SuperMESH3(TM) Power MOSFET in DPAK package N-channel 600 V, 4typ., 2 A SuperMESH3 Power MOSFET in DPAK, TO-220FP and IPAK packages
|
ST Microelectronics STMicroelectronics
|
RFH10N50 RFH10N45 |
CAP 1000PF 200V 10% X7R DIP-2 TUBE-PAK S-MIL-PRF-39014/22 10A/ 450V and 500V/ 0.600 Ohm/ N-Channel Power MOSFETs 10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs 10 A, 450 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-218AC
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation] Intersil, Corp.
|
IRG4PC50U IRG4PC50U-E |
55 A, 600 V, N-CHANNEL IGBT, TO-247AD 55 A, 600 V, N-CHANNEL IGBT, TO-247AC 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.65V的,@和VGE \u003d 15V的,集成电路\u003d 27A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
HGT1S20N60A4S9A |
600V, SMPS Series N-Channel IGBTsnull 70 A, 600 V, N-CHANNEL IGBT, TO-263AB
|
Fairchild Semiconductor, Corp.
|