PART |
Description |
Maker |
LT1109A-12 LT1109-12 LT1109 LT1109CS8-12TRPBF |
From old datasheet system Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V Micropower Low Cost DC/DC Converter-Fixed 12V Micropower DC/DC Converter Flash Memory VPP Generator, Fixed 12V
|
LINEAR TECHNOLOGY CORP
|
LT1108 LT1108-12 LT1108-5 LT1108CN8 LT1108CN8-12 L |
4-Bit Synchronous Up/Down Binary Counters With Dual Clock and Clear 16-SOIC 0 to 70 From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
TC7660EV TC1044SEOA TC1044 TC1044S TC1044SCOA TC10 |
Charge Pump DC-TO-DC Voltage Converter The TC1044S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V input to a corresponding –1.5V to –12V output using only two low cost capacitors, eliminating in The TC1044S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V ...
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
REC3-2415RW REC3-4812RW REC3-4805RW REC3-4809RW RE |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 3W DC/DC converter with 68V input, -12V/ -125mA output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
AAT116208 AAT1162IRN-0.6-T1 |
12V, 1.5A Step-Down DC/DC Converter
|
http:// Advanced Analogic Technologies
|
BP5065C |
AC/DC converter AC100V input, −12V/90mA output AC/DC converter AC100V input, −12V/90mA output
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
APW7142 APW7142-10 APW7142KI-TRG |
3A, 12V, Synchronous-Rectified Buck Converter
|
Anpec Electronics Coroprati...
|
APW7145 APW7145KA APW7145KAI-TRG APW7145KAI-TRL AP |
3A, 12V, Synchronous-Rectified Buck Converter
|
Anpec Electronics Coropration
|
DAC2800D DAC2812D DAC2812DE DAC2812DH DAC2812DK DA |
15V, 6W dual DC-DC converter 12V, 6W dual DC-DC converter 6W Dual DC-DC Converter(输出功率6W,高隔离电压的双DC-DC转换 6W双的DC - DC转换器(输出功率6W,高隔离电压的双型DC - DC转换器)
|
M.S. Kennedy Corp. M.S. Kennedy, Corp.
|
B62SR12424A |
12V Output DC/DC Converter, Box Type Package
|
Delta Electronics, Inc.
|
208-930-21-38 208-997-21-38 208-532-21-38 208-501- |
LED TELEPHONE SLIDE LED TELEFONSOCKEL T6.8 12V GRUEN LED TELEFONSOCKEL T6.8 12V ROT LED TELEFONSOCKEL T6.8 12V GELB LED TELEFONSOCKEL T6.8 12V BLAU 发光二极管TELEFONSOCKEL T6.8 12V的布
|
TE Connectivity, Ltd.
|