PART |
Description |
Maker |
SB1100 SB180 SB150 |
CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
|
Daesan Electronics Corp. Daesan Electronics Corp...
|
1S30 1S50 1S40 1S70 1SA0 |
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 1.0Ampere
|
Chendahang Electronics Co., Ltd Chendahang Electronics Co.,... Chendahang Electronics ...
|
SR130SF SR180SF |
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
|
Chendahang Electronics Co., Ltd Jiangsu Yutai Electroni...
|
SR1100SF SR160SF SR130SF SR180SF |
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
|
Gaomi Xinghe Electronics Co., Ltd. Gaomi Xinghe Electronic...
|
DL4933 DL4934 DL4935 |
1.0Ampere Recovery Rectifiers Glass Passivated
|
Shenzhen Luguang Electronic Technology Co., Ltd
|
CA506 SST511 CA508 SST509 SST508 SST510 SST506 SST |
Voltage Regulator IC; Output Current:500mA; Output Voltage:2.8V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Current Regulator Diode
|
Calogic LLC CALOGIC[Calogic LLC] CALOGIC[Calogic, LLC]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X40 |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 DIODE, STUD 95A 1200VDIODE, STUD 95A 1200V; Voltage, Vrrm:1200V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Catho THYRISTOR, CAPSULE 600ATHYRISTOR, CAPSULE 600A; Voltage, Vrrm:1200V; Current, It av:600A; Case style:TO-200; Current, It rms:1400A; Current, Itsm:11500A; Voltage, Vgt:2.0V; Current, Igt:200mA; Diameter, External:57.3mm; Length / Thyristor Module; Current, It av:150A; Repetitive Reverse Voltage Max, Vrrm:1600V; Peak Surge Current:1250A; di/dt:100A/ s; Package/Case:G62 Thyristor Diode Module; Repetitive Reverse Voltage Max, Vrrm:1200V; Current Rating:220A
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|