PART |
Description |
Maker |
HCTS390MS HCTS390D HCTS390DMSR HCTS390HMSR HCTS390 |
Radiation Hardened Octal Transparent Latch/ Three-State Radiation Hardened Dual Decade Ripple Counter
|
INTERSIL[Intersil Corporation]
|
5962F9853501VEC 5962F9853501VXC ACTS138D ACTS138DM |
Radiation Hardened TTL Input, 3-to-8 Line Decoder/Demultiplexer ACT SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, UUC16 Radiation Hardened
TTL Input, 3-to-8 Line Decoder/Demultiplexer(抗辐射TTL输入-8线译码器/多路信号分离 CAP 4-ARRAY 68000PF 16V X7R 1206 Radiation Hardened TTL Input/ 3-to-8 Line Decoder/Demultiplexer
|
Intersil, Corp. Intersil Corporation
|
ACTS630D ACTS630HMSR ACTS630K ACTS630MS 5962F96721 |
Radiation Hardened Octal Three-State Transparent Latch Dual J-K Negative-Edge-Triggered Flip-Flop With Clear And Preset 16-SOIC 0 to 70 Radiation Hardened EDAC (Error Detection and Correction) ACT SERIES, 16-BIT ERROR DETECT AND CORRECT CKT, UUC28
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
FSPYE234D1 FSPYE234F4 FN4873 FSPYE234R4 FSPYE234F |
From old datasheet system Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 9 A, 250 V, 0.215 ohm, N-CHANNEL, Si, POWER, MOSFET Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs(抗辐N沟道MOS场效应管) 抗辐射,抗SEGR N沟道功率MOSFET(抗辐射沟道马鞍山场效应管)
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ISL70001SRH ISL70001SRHF_PROTO ISL70001SRHQF ISL70 |
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
|
Intersil Corporation
|
HCTS373D HCTS373DMSR HCTS373HMSR HCTS373K HCTS373K |
Radiation Hardened Octal Transparent Latch, Three-State HCT SERIES, 8-BIT DRIVER, TRUE OUTPUT, CDIP20 From old datasheet system Radiation Hardened Octal Transparent Latch/ Three-State
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
HCS240MS FN3562 HCS240D HCS240DMSR HCS240HMSR HCS2 |
Radiation Hardened Octal Buffer/Line Driver, Three-State Driver, Buffer/Line, Inverter, Tri-State, Octal, Rad-Hard, High-Speed, CMOS, Logic Radiation Hardened Octal Buffer/Line Driver, Three-State(抗辐射八缓冲线驱动器(三态)) From old datasheet system Radiation Hardened Octal Buffer/Line Driver/ Three-State
|
INTERSIL[Intersil Corporation]
|
FSYC260R4 FSYC260D FSYC260D1 FSYC260D3 FSYC260R FS |
Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 46 A, 200 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 抗辐射,抗SEGR N沟道功率MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
RTAX2000D-CG1152B RTAX2000D-LG1152B RTAX4000D-CG11 |
RTAX-DSP Radiation-Tolerant FPGAs
|
Actel Corporation
|
5962F9862501V9A 5962F9862501VCC 5962F9862501VXC AC |
Radiation Hardened Quad 2-Input NAND
Schmitt Trigger(抗辐射四2输入与非门施密特触发 Quadruple Bus Buffer Gate With 3-State Outputs 14-SO 0 to 70 Radiation Hardened Quad 2-Input NAND Schmitt Trigger
|
Intersil Corporation
|