PART |
Description |
Maker |
MX25L6445EM MX25L6445EM2 MX25L6445EM2I10G MX25L644 |
HIGH PERFORMANCE SERIAL FLASH SPECIFICATION 64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
|
Macronix International
|
ENA1140 LE25FU106B |
CMOS IC 1M-bit (128K×8) Serial Flash Memory CMOS IC 1M-bit (128K隆驴8) Serial Flash Memory
|
http:// Sanyo Semicon Device
|
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
FM25C041 FM25C041U FM25C041UE FM25C041UV FM25C041U |
SERIAL EEPROM|512X8|CMOS|SOP|8PIN|PLASTIC 512 X 8 SPI BUS SERIAL EEPROM, PDSO8 4K-Bit SPI⑩ Interface Serial CMOS EEPROM 4K-Bit SPI Interface Serial CMOS EEPROM From old datasheet system 4K-Bit SPI?/a> Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
MX25V8005 MX25V8005MI-20G MX25V8005ZNI-20G |
8M-BIT [x 1] 2.5V CMOS SERIAL FLASH
|
Macronix International
|
MX25L8008E MX25L8008EM2I12G |
8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
|
Macronix International
|
MX25U4035 MX25U4035MI-25G MX25U4035ZUI-25G MX25U80 |
4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
|
Macronix International
|
FM93C06E FM93C06 FM93C06V FM93C06L FM93C06LZ FM93C |
256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 From old datasheet system 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus)
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MX25L12805D |
128M-BIT [x 1] CMOS SERIAL FLASH
|
http://
|
MX25L12805D MX25L12805DMI-20G |
128M-BIT [x 1] CMOS SERIAL FLASH
|
Macronix International
|
MX25L3235DZNI-10G MX25L3235D MX25L3235DM2I-10G MX2 |
32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
|
Macronix International
|