PART |
Description |
Maker |
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MMC4025 MMC4001 MMC4002 MMC4000 |
Quad 2-input NOR gate Dual 4-input NOR gate Dual 3-input NOR gate plus inverter Triple 3-input NOR gate NOR GATES COMPLEMENTARY MOS INTEGRATED CIRCUITS
|
Microelectronica Micro Electronics
|
74ABT02PWDH 74ABT02 74ABT02D 74ABT02DB 74ABT02N 74 |
Quad 2-input NOR gate ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2-input NOR gate - Description: Quad 2-Input NOR Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14
|
Atmel, Corp. PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
ACS32HMSR-03 ACS32D ACS32K ACS32MS 5962F9862401VCC |
Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, UUC16 Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, CDIP14 Quadruple Bus Buffer Gate With 3-State Outputs 14-SO 0 to 70 Radiation Hardened Quad 2-Input OR Gate(抗辐射四2输入或门)
|
Intersil, Corp. Intersil Corporation
|
74LVC1G02GF 74LVC1G02GS |
Single 2-input NOR gate 单两输入或非 Single 2-input NOR gate LVC/LCX/Z SERIES, 2-INPUT NOR GATE, PDSO6
|
NXP Semiconductors N.V.
|
MC10H016FNG MC10H016FN MC10H01606 MC10H100MG MC10H |
4?Bit Binary Counter 4−Bit Binary Counter Quad 2?Input NOR Gate With Strobe Quad OR/NOR Gate Quad 2?Input OR Gate Quad 2?Input AND Gate Triple 2?3?2?Input OR/NOR Gate Triple 4?3?3?Input NOR Gate Triple 2?Input Exclusive OR/Exclusive NOR Gate Dual 4?5?Input OR/NOR Gate Quad Exclusive OR Gate
|
ONSEMI[ON Semiconductor]
|
74ABT20D-T 74ABT20DB118 |
Dual 4-input NAND gate - Description: Dual 4-Input NAND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.7 ns; Voltage: 4.5-5.5 V ABT SERIES, DUAL 4-INPUT NAND GATE, PDSO14
|
Ecliptek, Corp. NXP SEMICONDUCTORS
|
HD74279P HD74S135P HD7409P HD7438P HD7420P HD7475P |
S-R-Type Latch Quad 2-input XOR/XNOR Gate Quad 2-input AND Gate Quad 2-input NAND Gate Dual 4-input NAND Gate 4-Bit D-Type Latch Magnitude Comparator Dual 4-input NOR Gate Hex Buffer J-K-Type Flip-Flop Excess-3-To-Decimal Decoder TTL HD74/74S Series TTL HD74/HD74S Series Straight Lever 十六进制逆变 CERAMIC CHIP/MIL-PRF-55681 陶瓷芯片/mil-prf-55681 Asynchronous Up Counter 异步设立摊位
|
Hitachi,Ltd. Fairchild Semiconductor, Corp.
|
M74HC20 M74HC20RM13TR M74HC20TTR M74HC20B1R M74HC2 |
DUAL 4-INPUT NAND GATE DUAL 4-INPUT NAND GATE 10-Bit, 3 or 9 us DAC, Serial Input, Pgrmable Settling Time/Pwr Consumption, Ultra Low Power 8-MSOP 0 to 70
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|