PART |
Description |
Maker |
28F008C3 GT28F160C3B110 GT28F016C3B90 TE28F008C3T1 |
3 VOLT ADVANCED BOOT BLOCK 8- / 16- / 32-MBIT FLASH MEMORY FAMILY STANDOFF HEX 6-32THR 2.5L ALUM TVS, 6.5CA, BI, 6.5V, 400W, SMT 3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3伏高级启动块8 - 6 - 32 - Mbit闪存家庭 3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3伏高级启动块8 - 16 - 32 - Mbit闪存家庭 3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3伏高级启动块8 - 6 - 2 - Mbit闪存家庭 TVS UNIDIRECT 7.5V 400W SMA
|
Intel Corp. Intel, Corp.
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|
M29F002B M29F002 M29F002T-1 M29F002NT M29F002T 516 |
2 Mbit 256Kb x8 / Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8 Boot Block Single Supply Flash Memory 2 Mbit (256Kb x8, Boot Block) Single Supply Flash Memory From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29F100B M29F100T 5123 M29F100B-90M1R M29F100B-90M |
NND - 1 MBIT (128KB X 8 OR 64KB X 16, BOOT BLOCK) SINGLE SUPPLY FLASH MEMORY 1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory From old datasheet system 1 Mbit (128Kb x8 or 64Kb x16, Boot Block)Single Supply Flash Memory
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
28F002BV-T E28F002BV-B80 |
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-Mbit (128K x 16, 256K x 8) SmartVoltage boot block flash memory family. Access speed Vcc=5V, voltage options (Vpp/Vcc) V=(5 or 12 / 3.3 or 5)
|
Intel
|
M28W640C-ZBT M28W640CT90ZB6T M28W640CB80ZB1T M28W6 |
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,启动块3V电源快闪记忆 64 Mbit 4Mb x16/ Boot Block 3V Supply Flash Memory
|
STMicroelectronics N.V. 意法半导
|
M29W004B M29W004B-100N1TR M29W004B-100N5TR M29W004 |
NOT FOR NEW DESIGN - 4 MBIT (512KB X8, BOOT BLOCK) LOW VOLTAGE SINGLE SUPPLY FLASH MEMORY 4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M28W160B-GBT M28W160BB M28W160BTB100GB1T M28W160BT |
16 Mbit 1Mb x16/ Boot Block Low Voltage Flash Memory 16 Mbit 1Mb x16, Boot Block Low Voltage Flash Memory 16兆x16插槽,低电压启动座快闪记忆体
|
STMicroelectronics N.V.
|
M28W320EB-ZB M28W320EB-ZBT M28W320EBB M28W320EBB10 |
32MBIT (2MB X 16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TP28F001BX-B90 TP28F001BX-T90 TN28F001BX-B150 TN28 |
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
|
INTEL[Intel Corporation]
|