PART |
Description |
Maker |
AT76C511 |
AT76C511 is a highly integrated WLAN Bridge-on-a-Chip based on two ARM7TDMI?RISC processors, two 10/100 Ethernet MACs, 32-bit DMA Channels, SRAM and Cache for program/data, UART, 3.3V operation, 208 pin LQFP package. Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B) Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
|
ATMEL[ATMEL Corporation]
|
CC2420 CC2420DK CC2420DBK CC2420/TR |
LC2MOS 5 O RON SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 2.4 GHz IEEE 802.15.4标准/ ZigBee功能的RF收发 2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver 2.4 GHz IEEE 802.15.4标准/ ZigBee功能RF收发
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
LTC4258CGW |
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
|
Linear Technology
|
LTC4267-1 |
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
|
Linear Technology
|
MAX5941AESE |
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
|
Maxim Integrated Products
|
LTC4267 4267F LTC4267CDHC LTC4267CGN LTC4267IDHC L |
From old datasheet system Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
|
LINER[Linear Technology]
|
ISL38001M-EVAL ISL38001M-CD |
ISL38001M PRISM GT miniPCI IEEE 802.11g, 802.11b WLAN NIC ISL38001M PRISM GT miniPCI IEEE 802.11g/ 802.11b WLAN NIC ISL38001M PRISM GTminiPCI IEEE 802.11g, 802.11b WLAN NIC ISL38001M棱镜燃气轮机⑩的miniPCI IEEE 802.11g的,802.11b无线局域网网卡
|
Intersil Corporation Intersil, Corp.
|
MC13193 MC13192 |
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
|
Freescale Semiconductor, Inc
|
13192 |
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
|
Freescale Semiconductor, Inc
|
MC1320207 |
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|