PART |
Description |
Maker |
325-5M-15 305-5M-15 1595-5M-15 575-5M-15 480-8M-20 |
RIEMEN SYNCHRON HTD L 325MM B 15MM RIEMEN SYNCHRON HTD L 305MM B 15MM RIEMEN SYNCHRON HTD L 575MM B 15MM Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits RIEMEN SYNCHRON HTD L 480MM B 30MM RIEMEN SYNCHRON HTD L 560MM B 200MM RIEMEN SYNCHRON HTD L 600MM B 200MM Dual/Triple-Voltage µP Supervisory Circuits RIEMEN SYNCHRON HTD L 640MM B 200MM Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout RIEMEN SYNCHRON HTD L 720MM B 30MM 3-1/2 Digit A/D, BCD, -40C to 85C, 24-PDIP 600mil, TUBE RIEMEN SYNCHRON HTD L 880MM B 200MM RIEMEN SYNCHRON HTD L 960MM B 200MM RIEMEN SYNCHRON HTD L 960MM B 30MM RIEMEN SYNCHRON HTD L 1040MM B 200MM RIEMEN SYNCHRON HTD L 450MM B 15MM 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 2-Wire-Interfaced 8-Bit I/O Port Expander with Reset Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 1.2A Dual MOSFET Drvr, 0C to 70C, 8-PDIP, TUBE RIEMEN SYNCHRON HTD L 1100MM B 15MM RIEMEN SYNCHRON HTD L 980MM B 15MM RIEMEN SYNCHRON HTD L 1800MM B 15MM RIEMEN SYNCHRON HTD L 1120MM B 30MM RIEMEN SYNCHRON HTD L 1120MM B 200MM RIEMEN SYNCHRON HTD L 1200MM B 200MM RIEMEN SYNCHRON HTD L 1260MM B 200MM RIEMEN SYNCHRON HTD L 1600MM B 200MM RIEMEN SYNCHRON HTD L 1440MM B 200MM RIEMEN SYNCHRON HTD L 1440MM B 30MM RIEMEN SYNCHRON HTD L 1040MM B 30MM RIEMEN SYNCHRON HTD L 1420MM B 15MM RIEMEN SYNCHRON HTD L 1600MM B 30MM RIEMEN SYNCHRON HTD L 1270MM B 15MM RIEMEN SYNCHRON HTD L 1200MM B 30MM RIEMEN SYNCHRON HTD L 890MM B 15MM 里门的SYNCHRON HTD890MM15毫米 RIEMEN SYNCHRON HTD L 1595MM B 15MM 里门的SYNCHRON HTD595MM5毫米 RIEMEN SYNCHRON HTD L 560MM B 30MM 里门的SYNCHRON HTD560MM0毫米 RIEMEN SYNCHRON HTD L 880MM B 30MM 里门的SYNCHRON HTD80┨乙30毫米
|
TE Connectivity, Ltd. Amphenol, Corp. Rubycon, Corp.
|
LTC3728LEGN-1TRPBF LTC3728LEGN-1PBF LTC3728LEUH-1 |
Dual, 550kHz, 2-Phase Synchronous Regulator
|
Linear Technology
|
LTC3802 LTC3802EGN LTC3802EUH |
Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
|
Linear Technology
|
LTC1703CG LTC1703 |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID Synchronous 8-Bit Up/Down Binary Counters 24-PDIP 0 to 70
|
http:// Linear Technology Corporation
|
LTC3728LZEUHTRPBF |
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PQCC28
|
Linear Technology, Corp.
|
LTC1703IGPBF LTC1703IG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC1703 17023P |
Dual 550kHz Synchronous 5V-to-2.x/1.xV Switching Regulator Controllers with VID From old datasheet system
|
Linear
|
ISL6364CCRZ |
Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
|
Intersil Corporation
|
ISL6366IRZ ISL6366 ISL6366CRZ ISL6610 ISL6610A ISL |
Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
|
Intersil Corporation
|
ISL6364 ISL6364CRZ ISL6364IRZ ISL6610 ISL6610A ISL |
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
|
Intersil Corporation
|
LTC3737 LTC3737EGNPBF |
Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C 1 A DUAL SWITCHING CONTROLLER, 825 kHz SWITCHING FREQ-MAX, PDSO24 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
|
Linear Technology, Corp.
|