PART |
Description |
Maker |
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
GRM31CR71A475KA01 GRM31CR71A106KA01 RT8057 |
2.25MHz 1A Synchronous Step-Down Converter
|
Richtek Technology Corporation
|
LTC3564IDCB-PBF LTC3564IDCB-TRPBF LTC3564 LTC3564E |
2.25MHz, 1.25A Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3407EMS LTC3407EMSE-2 LTC3407EDD-2 LTC3407-2 |
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC3406B-2 LTC3406B-2ES5 |
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
|
http:// LINER[Linear Technology] Linear Technology Corporation
|
LTC3407-2-15 |
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
SC4620810 SC4620812 SC4620815 SC4620818 SC4620825 |
1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
|
Silan Microelectronics Joint-stock
|
LT3407 LT3407-2 LTC3548 LTC3548EDD LTC3548EMSE |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator Dual Synchronous,400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
ISL8022 ISL8022EVAL1Z ISL8022IRZ |
Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous
|
Intersil Corporation
|
LTC3545IUD-1-PBF LTC3545IUD-1-TRPBF LTC3545EUD-PBF |
Triple 800mA Synchronous Step-Down Regulator - 2.25MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PQCC16 Triple 800mA Synchronous Step-Down Regulator - 2.25MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PQCC16 Triple 800mA Synchronous Step-Down Regulator-2.25MHz
|
Linear Technology, Corp.
|
STE03S05F STE03S15F STE05S09F |
STE Series - 1W Single Output Surface Mount DC-DC Converter
|
Superworld Electronics
|