PART |
Description |
Maker |
G5699 |
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
|
Global Mixed-mode Techn...
|
LTC3417A-1 LTC3417AEDHC-1-PBF LTC3417AEDHC-1-TRPBF |
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
|
Linear Technology
|
LTC3615IUF-1 LTC3615MPFE-1 LTC3615EFE-1 LTC3615HUF |
Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3417AEDHCPBF LTC3417AEFEPBF LTC3417AEFETRPBF |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 2.5 A DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C 2.5 A DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3561 LTC3561EDD |
1A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3568EDD |
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3412AIUF-PBF LTC3412AIUF-TR LTC3412AIUF-TRPBF L |
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3616 |
6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3411AEMS-PBF |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3411AEDD-PBF LTC3411AEDD-TRPBF LTC3411AIMS-PBF |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
|
http:// Linear Technology
|
XF45061 |
600mA 4MHz Synchronous Step-Down DC/DC Converter
|
XySemi
|