PART |
Description |
Maker |
LTC2241IUP-10 LTC2241IUP-10-PBF LTC2241IUP-10-TR L |
10-Bit, 210Msps ADC; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Analog Devices, Inc. Linear Technology, Corp.
|
MAX1214NEGKD MAX1214NEGKTD |
1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
|
MAXIM - Dallas Semiconductor
|
ISL59612IA ISL59612IB ISL5961IB ISL5961IA ISL5961 |
14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter PARALLEL, WORD INPUT LOADING, 0.035 us SETTLING TIME, 14-BIT DAC, PDSO28 CONNECTOR ACCESSORY 14-Bit 3.3V 130/210MSPS CommLinkTM High Speed D/A Converter 14-Bit/ 3.3V/ 130/210MSPS/ CommLinkTM High Speed D/A Converter
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL58292IN ISL5829EVAL1 ISL5829IN |
Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter Dual 12-bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter 210MHz; 3.6V; 24mA; dual 12-bit, 3.3V, 130/210 MSPS, commLink high speed D/A converter. For quadrature transmit with IF range 0-80MHz, medical/test instrumentation and equipment, wireless communication systems, BWA infrastructure
|
http:// Intersil Corporation
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
MAX1162 MAX1162ACUB MAX1162CE_B MAX1162AC_B MAX116 |
16-Bit, 5V, 200ksps ADC with 10A Shutdown 16-Bit, 5V, 200ksps ADC with 10レA Shutdown "16-Bit, 5V, 200ksps ADC with 10?A Shutdown" IC,A/D CONVERTER,SINGLE,16-BIT,BICMOS,TSSOP,10PIN 16-Bit, 5V, 200ksps ADC with 10μA Shutdown 16-Bit, 5V, 200ksps ADC with 10?? Shutdown
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products Inc ADC
|
MAX195ACDE MAX195BEPE MAX195BEWE MAX195BCPE MAX195 |
16-Bit, 85ksps ADC with 10uA Shutdown 16-Bit, 85ksps ADC with 10µA Shutdown 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 16-Bit, 85ksps ADC with 10レA Shutdown
|
Maxim Integrated Products, Inc.
|
AD7827BR-REEL AD7827BR-REEL7 AD7827BRZ AD7827BN |
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8 14-Bit 48KSPS DAS with ADC, MUX, PGA and Internal Reference 28-SSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDIP8 3/5V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
AD7823 AD7823YN AD7823YR AD7823YRM |
1.2V, 12 Bit 200KSPS, Serial ADC 6-SOT-23 -40 to 85 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
|
Analog Devices, Inc. AD[Analog Devices]
|
ISL5761EVAL1 ISL5761 ISL5761IB ISL57612IA ISL57612 |
10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter 10-bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter 10-bit 3.3V 130/210MSPS CommLink TM High Speed D/A Converter
|
INTERSIL[Intersil Corporation]
|
AK5393-VS AKD5393 AK5393 |
24-bit 96K 117dB pro audio ADC ENHANCED DUAL BIT 96 KHZ 24-BIT ADC Enhanced Dual bit 96 kHz 24-bit ADC 增强双位96 kHz4位ADC
|
AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystems Co.,Ltd Asahi Kasei Microsystems Co., Ltd.
|
MAX1123EGK-D |
1.8V, 10-Bit, 210Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
|
MAXIM - Dallas Semiconductor
|
|