PART |
Description |
Maker |
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
KAD5512P-17Q72 INTERSILCORP-KAD5512P-12Q48 KAD5512 |
12-Bit, 170MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 72-QFN 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC72
|
Intersil, Corp.
|
MAX1213 |
1.8V, 12-Bit, 170Msps ADC for Broadband Applications From old datasheet system
|
Maxim
|
LTC2240IUP-12TRPBF LTC2240CUP-12TRPBF LTC2240CUP-1 |
10-Bit, 170Msps ADC; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 10-Bit, 170Msps ADC; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
KAD2710L KAD2710L-10Q68 KAD2710L-17Q68 KAD2710L-21 |
10-Bit, 170MSPS Single-Channel ADC, LVDS Outputs 10-Bit, 105MSPS Single-Channel ADC, LVDS Outputs 10-Bit, 275/210/170/105MSPS A/D Converter 10-Bit, 210MSPS Single-Channel ADC, LVDS Outputs; Temperature Range: -40°C to 85°C; Package: 68-QFN
|
Intersil Corporation
|
MAX195ACDE MAX195BEPE MAX195BEWE MAX195BCPE MAX195 |
16-Bit, 85ksps ADC with 10uA Shutdown 16-Bit, 85ksps ADC with 10µA Shutdown 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 16-Bit, 85ksps ADC with 10レA Shutdown
|
Maxim Integrated Products, Inc.
|
LTC2123 LTC2122 |
14-Bit, 250Msps to 170Msps Dual ADCs with JESD204B Outputs
|
Linear Technology
|
AD7895AN-10 AD7895AR-10 AD7895AR-2 AD7895AR-3 AD78 |
True Bipolar Input, 5 V Single Supply, 12-Bit, Serial 3.8 µs ADC in 8-Pin Package 5 V/ 12-Bit/ Serial 3.8 ms ADC in 8-Pin Package 5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD7641ACP AD7641AST EVAL-AD7641CB1 AD7641ASTRL EVA |
2.5 V, 2 MSPS SAR 18-bit ADC 18-Bit, 2 MSPS SAR ADC 1-CH 18-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQFP48
|
Analog Devices, Inc.
|
|