PART |
Description |
Maker |
LT5527EUF-PBF LT5527EUF-TRPBF |
400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
|
Linear Technology
|
EL5103IW-T7 EL5103IW-T7A EL5302IU EL5102IS EL5102 |
400MHz Slew Enhanced VFAs Single, 400MHz High Speed Voltage Feedback Amplifier with Enable Triple, 400MHz, Slew Enhanced Voltage Feedback Amplifier with Enable
|
http:// INTERSIL[Intersil Corporation]
|
TIM7785-25UL |
HIGH POWER P1dB=44.5dBm at 7.7GHz to 8.5GHz
|
Toshiba Semiconductor
|
TIM3742-12UL09 |
HIGH POWER P1dB=41.5dBm at 3.7GHz to 4.2GHz
|
Toshiba Semiconductor
|
LT5578 |
0.4GHz To 2.7GHz High Linearity Upconverting Mixer
|
Linear Technology Corporation
|
EL5203ISZ-T13 EL5203IYZ-T13 ELS5102 EL5102 EL5102I |
400MHz Slew Enhanced VFAs Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:35VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Body Diameter:10mm; Body Length:10.2mm RoHS Compliant: No 400MHz Slew Enhanced VFAs 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 400MHz Slew Enhanced VFAs 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 400MHz Slew Enhanced VFAs 1 CHANNEL, VIDEO AMPLIFIER, PDSO5
|
INTERSIL[Intersil Corporation] 音频/视频放 Intersil, Corp.
|
CVA4401 |
Low Power/ 400MHz High Speed Triple Buffer Low Power, 400MHz High Speed Triple Buffer
|
Calogic LLC Calogic, LLC
|
LT5575 LT5575EUFTRPBF LT5568 LT5528 LT5575EUF LT55 |
LT5575 800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
|
Linear Technology
|
KF402B KF406B KF470B KF474B KF478B KF450B KF502B K |
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE) 400MHz-500MHz Band(150ohm)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
MRF313 MRF313-15 |
The RF Line NPN Silicon High-Frequency Transistor 1.0W, 400MHz, 28V
|
M/A-COM Technology Solu... M/A-COM Technology Solutions, Inc.
|
M57745B 57745B |
From old datasheet system 380-400MHz 12.5V 10W DIGITAL MOBILE RADIO 380-400MHz / 12.5V / 10W / DIGITAL MOBILE RADIO 380-400MHz, 12.5V, 10W, DIGITAL MOBILE RADIO 380 - 400MHz的,12.5V,功0W,数字移动通信
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|