PART |
Description |
Maker |
TS1909 |
MicroPower VFM Boost DC to Dc Converter
|
Taiwan Semiconductor Company, Ltd
|
AS1340A-BTDT-10 AS13401 AS1340 |
50V, Micropower, DC-DC Boost Converter
|
ams AG austriamicrosystems AG
|
KB3440 |
Micropower Synchronous Buck-Boost DC/DC Converter
|
Kingbor Technology
|
LT3473EDD LT3473AEDE LT3473A |
Micropower 1A Boost Converter with Schottky and Output Disconnect
|
Linear Technology
|
LTC3421 LTC3421EUF |
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
|
LINER[Linear Technology]
|
LTC3441-15 |
High Current Micropower Synchronous Buck-Boost DC/DC Converter
|
Linear Technology
|
LTC3400-1 34001F LTC3400ES6-1 LTC3400ES6-1TRM LTC3 |
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT 600mA, 1.2MHz Micropower Synchronous Boost Converters in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 From old datasheet system
|
Linear Technology, Corp.
|
LT3495 LT3495-1 LT3495B LT3495B-1 LT3495BEDDB-1-PB |
650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
|
http:// Linear Technology
|
LTC3429 3429F |
From old datasheet system 600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
|
Linear Technology
|
ZXSC420E6TA ZXSC410 ZXSC410E6TA ZXSC420 |
Multi Cell System Power Boost Converter VOLTAGE MODE BOOST CONVERTER
|
Zetex Semiconductors
|
KB3440 |
Micropower Synchronous Buck-Boost DC/DC Converter
|
Kingbor Technology Co
|
LTC3429B 3429FA LTC3429BES6 LTC3429ES6 LTC3429BES6 |
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C From old datasheet system
|
LINEAR TECHNOLOGY CORP
|