PART |
Description |
Maker |
ISL6334CIRZ ISL6334CCRZ ISL6334BCRZ ISL6334CCRZ-T |
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features; Temperature Range: 0°C to 70°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40 VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features; Temperature Range: -40°C to 85°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil Corporation Intersil, Corp.
|
ISL6313 ISL6313CRZ ISL6313IRZ |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
|
Intersil Corporation
|
ISL631207 ISL6312IRZ ISL6312 ISL6312CRZ |
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
|
INTERSIL[Intersil Corporation]
|
ISL6307BIRZ |
6-Phase VR11 PWM Controller with 8-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for Applications SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC48
|
Intersil, Corp.
|
ISL6334IRZ ISL6334CRZ ISL6334AIRZ ISL6620 ISL6620A |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
|
Intersil Corporation
|
ISL6334AR5368 ISL6334AIRZ-TR5368 ISL6334ACRZ-TR536 |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
|
Intersil Corporation
|
ISL6313BCRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications; Temperature Range: 0°C to 70°C; Package: 36-TQFN T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC36
|
Intersil, Corp.
|
ISL6333CIRZ ISL6333CCRZ ISL6333A ISL6333CRZ ISL633 |
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications; Temperature Range: -40°C to 85°C; Package: 48-QFN
|
Intersil Corporation
|
ISL6560CB ISL6560 |
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.1-1.85 Voltage, VRM 9.0 Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
HIP6303 HIP6303CB HIP6303CB-T HIP6303EVAL1 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2-4 Phase Sync Buck, 4-Bit VID DAC, 1.30V to 2.05V in 50mV Steps, % Reg, AMD Athlon Compatible
|
INTERSIL[Intersil Corporation]
|