PART |
Description |
Maker |
LP2950ACN-3-3/TR LP2950ACN-L-3-3/TR LP2950CN-3-3/T |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 100mA Low Dropout Voltage Regulators 100mA Low Dropout Voltage Regulators
|
http:// Sipex Corporation
|
LT3020EMS8PBF LT3020IMS8-1.2 LT3020EMS8-1.2PBF LT3 |
100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 LP3852/LP3855 1.5A Fast Response Ultra Low Dropout Linear Regulators; Package: SOT-223; No of Pins: 5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
CS8221YDF8 CS8221YDP3 CS8221YDFR8 CS8221YDPR3 CS82 |
Micropower 5V/ 100mA Low Dropout Linear Regulator Micropower 5V, 100mA Low Dropout Linear Regulator 5V的,100mA的低压差线性稳压器
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
LND2931-5.0 LND2931 LND2931-10 LND2931-12 LND2931- |
100mA, 3.0V to 24V, low dropout voltage regulator. 100mA Low Dropout Voltage Regulator
|
LinearDimensions Linear Dimensions Semiconductor
|
CS-8151 |
5V 100MA Low Dropout Linear Regulator with Watchdog Reset & Wake uP 5V 100MA Low Dropout Linear Regulator with Watchdog Reset & Wake uP 5V00mA的低压差线性稳压器,带有看门狗复位
|
TURCK, Inc.
|
ILC7081 ILC7081AIM525X ILC7081AIM526X ILC7081AIM52 |
50/100mA SOT-23 CMOS RF LDO Regulators 50/100mA的SOT - 23 CMOS射频LDO稳压 0.08A Low Dropout Voltage Regulator 0.15A Low Dropout Voltage Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
MIC5200 MIC5200-3.0BM MIC5200-3.0BS MIC5200-3.3BM |
100mA Low-Dropout Voltage Regulator Preliminary Information Circular Connector; No. of Contacts:32; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-32 100mA Low-Dropout Voltage Regulator Preliminary Information 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 PT 41C 41#20 SKT PLUG 5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Replaced by PTN78060W : 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Replaced by PTN78060W,PTN78060H : 4.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 MB 32C 32#20 PIN RECP 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
LDO58 |
IP Library: Ultra Low Noise, Low power, 100mA Low Dropout Voltage Regulator
|
STMICROELECTRONICS[STMicroelectronics]
|
LT3024EDE-PBF LT3024IDE-PBF LT3024EFE-PBF LT3024IF |
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
|
Linear Technology
|
|