PART |
Description |
Maker |
AD7492AR AD7492ARU-5 AD7492BR AD7492BRU-5 AD749201 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC IC,A/D CONVERTER,SINGLE,12-BIT,SOP,24PIN 1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS A/D CONVERTER A / D转换 500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 的A / D转换
|
Analog Devices Inc NEC, Corp. Electronic Theatre Controls, Inc.
|
LTC1697 LTC1697EMS LTC1697EMSPBF |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Power 1W CCFL Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
LTC3250-1.2 3250FA LTC3250ES6-1.5 LTC3250ES6-1.2 L |
From old datasheet system High Efficiency, Low Noise,
Inductorless Step-Down
DC/DC Converter High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.35 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6
|
Cypress Semiconductor Corp. Linear Technology, Corp.
|
CS3972YTVA5 CS3972YTHA5 CS3972 CS3972YDW16 CS3972Y |
1.25A High Efficiency Switching Regulator 5V/ 750mA Linear Regulator with RESET RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
1N5811 1N5811US JANTXV1N5811 1N5802 1N5804 1N5806 |
UltraFastRectifier(lessthan100ns)
MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
|
MICROSEMI[Microsemi Corporation]
|
LTC3202EMS LTC3202 LTC3202EMSTRPBF LTC3202-15 |
Low Noise, High Efficiency Charge Pump for White LEDs 低噪声,高效率电荷泵白光LED Low Noise, High Efficiency Charge Pump for White LEDs; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR CONVERTER, 1500 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
1N5809 1N5804 1N58010 1N58013 1N58011 1N58012 1N58 |
HIGH EFFICIENCY, ESP,K 2.5 AMP TO 20 AMP
|
New Jersey Semi-Conductor Products, Inc.
|
LTC15741 LTC1574CS-5TR LTC1574-3.3-15 LTC1574-5 LT |
High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1 A SWITCHING REGULATOR, 200 kHz SWITCHING FREQ-MAX, PDSO16 High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
|
Linear Technology, Corp.
|
PI74AVC16823K |
High Efficiency Synchronous Step-Down Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 18位D型触发器
|
Pericom Semiconductor, Corp.
|
LTC1629EG-6PBF LINEARTECHNOLOGYCORP-LTC1629EG-6TRP |
PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
HER3005 HER3003 HER3002 HER3001 HER3004 HER3006 |
30.0 AMP HIGH EFFICIENCY RECTIFIERS
|
FORMOSA[Formosa MS]
|