PART |
Description |
Maker |
ICE2A0XXX Q67040-S4542 Q67040-S4546 Q67040-S4541 Q |
High Speed CMOS Logic Hex Non-Inverting Buffers 16-SOIC -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-PDIP -55 to 125 High Speed CMOS Logic Hex Inverting Buffers 16-SO -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-SO -55 to 125 Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 离线式开关电源电流模式控制器,集成了650V / 800V的的CoolMOS
|
Infineon Technologies AG
|
HEF4049BN |
HEX inverting buffers
|
NXP SEMICONDUCTORS
|
HEF4050B HEF4050BD HEF4050BF HEF4050BN HEF4050BP H |
HEX non-inverting buffers
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
HEF4049BT HEF4049BP |
Hex inverting buffers
|
NXP Semiconductors
|
54HC4050RPFS 54HC4050 54HC4050RPFB 54HC4050RPFE 54 |
CMOS Logic Hex Non-Inverting Buffers
|
Maxwell Technologies ETC[ETC] List of Unclassifed Manufacturers
|
M74HC365 M74HC365B1R M74HC365C1R M74HC365F1R M74HC |
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING) HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
CD4050BC CD4050BCB CD4050BCJ CD4050BCM CD4050BCN C |
CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
|
Rochester Electronics
|
ILA03N60 Q67040-S4625 ILB03N60 Q67040-S4626 Q67040 |
3A / 600V IGBT with monolithically integrated diode for resonant-halfbridge topologies in lighting ballast (40W-120W) From old datasheet system High Speed CMOS Logic Hex Non-Inverting Buffers 16-SO -55 to 125 LightMOS功率晶体 LightMOS Power Transistor LightMOS功率晶体
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
AT89C55-24PI AT89C55-16PA AT89C55-24PC AT89C55-24A |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SO -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 8-Bit Microcontroller with 20K Bytes Flash Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-TSSOP -40 to 125 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
Atmel Corp. Atmel, Corp.
|
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74LS06 HD74LS06 HD74LS06FPSMD HD74LS06PDIP HD74LS0 |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverters Buffers/Drivers with Open Collector High-Voltage output HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS LOGIC GATE|HEX INVERTER|LS-TTL|SOP|14PIN|PLASTIC LOGIC GATE|HEX INVERTER|LS-TTL|DIP|14PIN|PLASTIC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|