PART |
Description |
Maker |
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
UPD703111GM-13-UEU UPD703111GM-10-UEU UPD703081 UP |
32-bit RISC microcontroller (V850E/ME2) 32-bit microcontroller incorporating controller for driving automobile meter 100-pin general-purpose 32-bit single-chip microcontroller (V850ES/SG2) 100-pin version with on-chip IEBus 32-bit SC microcontroller (V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1) 100-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SG2) 100pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1 ) Ultra-low-voltage 32-bit RISC microcontroller 144-pin general-purpose 32-bit single-chip microcontroller (V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1) 144-pin IEBus inclusion 32-bit single-chip microcontroller(V850ES/SJ2) 144-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SJ2) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1 ) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1 ) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1) 32-bit RISC single-chip microcontroller(V850/SB1:Low-noise Enhanced version ) 32-bit RISC single-chip microcontroller(V850/SB2:Low-noise Enhanced version) UPD703229Y Series 32-bit single-chip microcontroller with V850ES core 144pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1 ) 100-pin version with on-chip IEBus 32-bit SC microcontroller(V850ES/SG2) 100-pin version with on-chip CAN 32-bit single-chip microcontroller (V850ES/SG2) 32-bit RISC single-chip microcontroller Inclusion delta-sigma modulation A/D
|
NEC
|
UPD78F4225 UPD78F4225GC-8BT UPD78F4225Y UPD78F4225 |
80-pin general-purpose 16-bit single-chip microcomputer 16-bit single-chip microcomputer for system control System control 16-bit single-chip microcomputer 64KB flash memory on-chip 16-bit of 78K/4 Series Analog amplifier: I2C on-chip ROM 96K version VTR servo application 16-bit single-chip micon having 78K4 Series 32KB memory 16-bit single chip microcomputer(for VTR servo microcomputer) Analog amplifier I2C flash memory 128K version VTR 16-bit single having 78K/4 Series 32KB memory
|
NEC
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
M37516M6-A05 M37516M6-A05HP M37516M6-A06HP M37516M |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 7470/71 Series Microcontrollers: Small Package, Low Cost Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
UPD754144 UPD754144GS UPD754244 UPD754244GS UPD754 |
4-bit single-chip microprocessor incorporated with EEPROM 4-BIT SINGLE-CHIP MICROCONTROLLERS
|
NEC[NEC]
|
P80C552EFB P80C552EFA P83C552EFB/XXX P83C552IFA/XX |
80C552/83C552; Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM; Package: SOT188-2 (PLCC68); Container: Tube Dry Pack Single-chip 8-bit microcontroller with 10-bit A-D, capture-compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller
|
NXP Semiconductors N.V. Philips Semiconductors
|
H838602R H8/38600R H8/38602R HD64338602R HD64F3860 |
Renesas 16-Bit Single-Chip Microcomputer 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
|
Renesas Electronics Corporation
|
UPD78062 UPD78062GCA-XXX-7EA UPD78062GC-XXX-7EA UP |
8-bit microcomputer 78K/0 incorporating LCD controller/driver 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit single-chip microcomputer
|
NEC
|
UPD75P3116GK-8A8 UPD753012AGK-XXX-BE9 UPD753016AGK |
75XL series 4-bit single-chip microcomputer with LCD & 5 timer 4-bit single chip microcomputer
|
NEC
|