PART |
Description |
Maker |
CQ220I-10D CQ220I-10N CQ220I-10B CQ220I-10M |
CAP 0.039UF 16V 10% X7R SMD-0805 TR-7 PLATED-NI/SN 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 10 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
MAC320-10 MAC320-4 MAC320-6 MAC320-8 MAC320A10 MAC |
TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 200 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 600 V, 20 A, TRIAC, TO-220AB RF/Coaxial Connector; RF Coax Type:MMCX; Impedance:50ohm; Body Style:Straight Plug; Frequency Max:6GHz; Mounting Type:Edge Card; Voltage Rating:170V RoHS Compliant: Yes 800 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 800 V, 20 A, TRIAC, TO-220AB
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
Q6004L4V Q6008L5V Q6015L5V Q6004L3V Q6010L5V Q5008 |
TRIAC|600V V(DRM)|4A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|15A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|10A I(T)RMS|TO-220AB TRIAC|500V V(DRM)|8A I(T)RMS|TO-220AB 可控硅| 500V五(DRM)的| 8A条口(T)的有效值| TO - 220AB现有 TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 可控硅| 800V的五(DRM)的| 8A条口T)的有效值| TO - 220AB现有 TRIAC|400V V(DRM)|4A I(T)RMS|TO-220AB 可控硅| 400V五(DRM)的| 4A条口(T)的有效值| TO - 220AB现有
|
Teridian Semiconductor, Corp. Littelfuse, Inc.
|
BTA24-800CWRG BTA26 BTB24 BTA24 BTA24-600BWRG BTA2 |
600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 600 V, 25 A, SNUBBERLESS TRIAC 25 A standard and Snubberless triacs
|
STMicroelectronics
|
CQ220-16NFP |
16 AMP TRIAC 600 THRU 800 VOLTS 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor, Corp.
|
BTB16-600CW3G BTB16-800CW3G |
600V 16 A, 35mA Igt 3 Quadrant Triac 600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 800V 16 A, 35mA Igt 3 Quadrant Triac 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
ON Semiconductor
|
CTA08-600B CTB08-600B CTA08-600BPT CTB08-600BPT CT |
8Amp - 400/600/800/1000V - TRIAC 800 V, 8 A, ALTERNISTOR TRIAC, TO-220AB
|
List of Unclassifed Manufacturers CYNERGY3 CORP List of Unclassifed Man...
|
MACH15M-BC |
600 V, 15 A, TRIAC, TO-220AB
|
MOTOROLA INC
|
BTB24-600BW/F5 |
600 V, 25 A, SNUBBERLESS TRIAC, TO-220AB
|
STMICROELECTRONICS
|
CQ202-4M-2 CQ202-4D-2 CQ202-4N-2 |
4.0 AMP TRIAC 600 THRU 800 VOLTS 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
BCR10PM-12LA-A8 |
600 V, 10 A, TRIAC, TO-220AB TO-220F, 3 PIN
|
Vishay Intertechnology, Inc.
|
MAC228A10 MAC228-10 MAC228-4 MAC228A4 MAC228-6 MAC |
TRIACs 8 AMPERES RMS 200 thru 800 VOLTS 600 V, 8 A, TRIAC, TO-220AB
|
MOTOROLA INC Motorola, Inc ICE Components, Inc.
|