PART |
Description |
Maker |
SD103AWS-TP SD103BWS-TP |
DIODE SCHOTTKY 40V 350MA SOD323 0.35 A, 40 V, SILICON, SIGNAL DIODE 400mW Small Signal Schottky Diode 20 to 40 Volts DIODE SCHOTTKY 30V 350MA SOD323
|
Micro Commercial Components, Corp.
|
BAT68-02L BAT68-07 BAT68-08S BAT68-09S BAT68-06W B |
Silicon Schottky Diodes 硅肖特基二极 Schottky Diodes - Silicon RF Schottky diode for mixer applications in the VHF/UHF range Schottky Diodes - Silicon RF Schottky diode array
|
INFINEON[Infineon Technologies AG]
|
MBRD320 MBRD330 MBRD340 MBRD320TR MBRD340PBF |
Schottky (Diodes & Rectifiers) 3.0 Amp 40 Volt SCHOTTKY RECTIFIER 30V 3A Schottky Discrete Diode in a D-Pak package 40V 3A Schottky Discrete Diode in a D-Pak package 20V 3A Schottky Discrete Diode in a D-Pak package
|
Vishay Semiconductors IRF[International Rectifier]
|
BAT17 BAT17-05W BAT17-06 BAT17-07 BAT17-04 BAT17-0 |
Schottky Diodes - Silicon RF Schottky diode for mixer applications in the VHF/UHF range Silicon Schottky Diode
|
INFINEON[Infineon Technologies AG]
|
20TQ040S 20TQ035S 20TQ045S 20TQ040 20TQ035STRR 20T |
40V 20A Schottky Discrete Diode in a TO-220AC package 45V 20A Schottky Discrete Diode in a D2-Pak package 35V 20A Schottky Discrete Diode in a D2-Pak package COG Technology, 128 x 64 pixel format SCHOTTKY RECTIFIER 40V 20A Schottky Discrete Diode in a D2-Pak package 45V 20A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier]
|
MBRX120-TP MBRX160 MBRX12011 MBRX140 |
DIODE SCHOTTKY 20V 1A SOD123 1 A, 20 V, SILICON, SIGNAL DIODE 1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
|
Micro Commercial Components, Corp.
|
HSCH-3486 HSCH3486 |
ZERO BIAS SCHOTTKY DIODE SILICON, ZERO BARRIER SCHOTTKY, X BAND, MIXER DIODE From old datasheet system
|
Advanced Semiconductor ASI
|
BAT54W |
30V 0.2A Schottky Discrete Diode in a SOT-323 package SCHOTTKY DIODE 0.5 Amp
|
International Rectifier
|
BAS40-04-GS18 BAS40-04-V-G-18 BAS40-00-V-G-18 |
Diode Small Signal Schottky 40V 0.2A 3-Pin SOT-23 T/R SCHOTTKY DIODE SOT23-E3-G
|
Vishay Semiconductors
|
18TQ045 18TQ045S 18TQ035S 18TQ 18TQ035 18TQ040 18T |
45V 18A Schottky Discrete Diode in a TO-220AC package 45V 18A Schottky Discrete Diode in a D2-Pak package 40V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a TO-220AC package SCHOTTKY RECTIFIER CAT6 SOL PC PVC YEL 2OFT PVC SOLID PATCH CORD CAT6 SOL PC PVC YEL 30FT PVC SOLID PATCH CORD DIODE 18 A, 35 V, SILICON, RECTIFIER DIODE, TO-263AB, PLASTIC, SMD-220, D2PAK-3, Rectifier Diode 40V 18A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier] Vishay Semiconductors
|