PART |
Description |
Maker |
CEB-27FD44 |
piezo electric diaphragm
|
CUI INC
|
CEB-44D06 |
piezo electric diaphragm
|
CUI INC,
|
CEB-20D64 |
piezo electric diaphragm
|
CUI INC,
|
TP48UW5S2000M |
Pushbutton Switch; Illumination:Non-Illuminated; Actuator Style:Round; Actuator Diameter:1.32mm; Circuitry:SPST; Switch Operation:Off-(On); Switch Terminals:Through Hole; Actuator Height:1.98mm; Contact Rating:0.4 VA RoHS Compliant: Yes 模拟IC
|
Atmel, Corp.
|
1241.3260 1241.3123 |
SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 0.1A, 60VDC, PANEL MOUNT Vandal Resistant Pushbutton Switch; Actuator Diameter:19mm; Circuitry:SPST-NO; Contact Current Max:2.6A; Mounting Type: PCB; Switch Function:SPST-NO
|
SCHURTER INC
|
170M3171 170M4066 170M3216 170M3214 170M3019 170M6 |
ELECTRIC FUSE, 500A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 630A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 160A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 800A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 80A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 200000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
CC1051CPGRB20X127/12D100GRB012VI CC1051CPGRB20X127 |
ELECTRIC FUSE, 12A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 8A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 32A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 25A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 16A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 10A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 63A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 20A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 6A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 40A, 1000VDC, INLINE/HOLDER
|
Mersen
|
0230.375DRT1SP 023001.5DRT1SSP 02302.25DRT2SP 0230 |
TIME LAG BLOW ELECTRIC FUSE, 0.375A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 1.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 2.25A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 1.25A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 2.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT 229/230 Series Lead-Free 2AG, Slo-Blo? Fuse and Indicating Slo-Blo? Fuse TIME LAG BLOW ELECTRIC FUSE, 0.25A, 250VAC, 125VDC, 35A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 0.35A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 0.75A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 7A, 125VAC, 125VDC, 400A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 0.25A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE
|
HIROSE ELECTRIC Co., Ltd. Littelfuse
|
FLQ8_10 FLQ FLQ1_10 FLQ1_2 FLQ1_4 FLQ1_8 FLQ10 FLQ |
SLOW BLOW ELECTRIC FUSE, 1.5A, 500VAC, 10000A (IR), INLINE/HOLDER Axial Lead and Cartridge Fuses - Midget TNPW, 0603, 23.2 kOhm, 0.1%, 25 ppm Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft; Conductor Material:Copper RoHS Compliant: Yes COMPUTER ACCESSORY CONNECTOR ACCESSORY SLOW BLOW ELECTRIC FUSE, 10A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 7A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 3.2A, 500VAC, 10000A (IR), INLINE/HOLDER
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
RLS1-8/10R RL1-8/10R RFS300R RFS75R RF90R |
ELECTRIC FUSE, 1.8A, 600VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 1.8A, 250VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 300A, 600VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 75A, 600VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 90A, 250VAC, 10000A (IR), INLINE/HOLDER
|
MERSEN
|
|