PART |
Description |
Maker |
MAX710 MAX710ESE MAX711 MAX711ESE 1742 MAX711C_D M |
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 3.3V/5V或可调、升/降压型DC-DC转换 3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 0.7 A SWITCHING REGULATOR, UUC16 3.3V/5V or Adjustable / Step-Up/Down DC-DC Converters From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ICL71060512 ICL7107SCPLZ ICL7106 ICL7106CM44 ICL71 |
LED Display, A/D Converters(3 1/2 位LED 显示器驱A/D转换 LED显示,A / D转换3 1 / 2位发光显示器驱动的A / D转换器) 3? Digit, LCD/LED Display, A/D Converters 3? Digit, LCD/LED Display, A/D Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
TEL154822 TEL154823 TEL152410 TEL152411 TEL152412 |
DC/DC Converters DC/DC Converters DC/DC Converters - TEL 15 Series, 15 Watt
|
TRACO Electronic AG
|
AD9712 AD9713 AD9712JP AD9712JN AD9713JN AD9713JP |
12 BIT 100 MSPS D/A CONVERTERS 12-BIT, 100MSPS D/A CONVERTERS
|
Analog Devices, Inc.
|
FC150S6R5 FC050S6R59 FC150S6R59 FC050S6R5 |
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W Power Modules DC/DC Converters
|
ETC[ETC] Agere
|
CS5014-BL14 CS5014-BL14Z CS5016 CS5016-BL16 CS5012 |
16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS 16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQCC44
|
Cirrus Logic, Inc.
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
MAX730 MAX730A MAX730ACPA MAX730ACSA MAX730AEPA MA |
5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 210 kHz SWITCHING FREQ-MAX, PDSO8 5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 212.5 kHz SWITCHING FREQ-MAX, PDSO16 Circular Connector; No. of Contacts:26; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 RoHS Compliant: No Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 20-LCCC -55 to 125 5V / Step-Down / Current-Mode PWM DC-DC Converters 5V Step-Down Current-Mode PWM DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
T3-1S243.3N T3-1S2424N T3-1S2415N T3-1S123.3N T3-1 |
DC/DC CONVERTERS 8-pin DIP, 0.25 to 1.5 Watts DC/DC CONVERTERS
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|