PART |
Description |
Maker |
HCC40107BDG HCC4017BDG HCC4017BDT HCC4027BDG HCC40 |
Rad-hard dual 2-input NAND buffer/driver Rad-hard decade counter/divider Rad-hard dual J-K master-slave Flip-Flop Rad-hard triple 3-input NAND gate Rad-hard 4-bit magnitude comparator Rad-hard triple 3-input AND gate Rad-hard hex buffer 3-state non-inverter Rad-hard hex schmitt trigger Rad-hard hex inverting buffer/converter Rad-hard hex inverter
|
ST Microelectronics
|
TSC21020F TSC21020F-20MA-E TSC21020F-20MB-E TSC210 |
Rad. Hard 32/40-bit IEEE Floating Point DSP
|
ATMEL Corporation
|
BWR-12/335-D5A BWR-5/700-D5A BWR-5/700-D48A BWR-15 |
12V 7-10W, dual output DC/DC converter DC-DC Converter, (4.7 to 7.25) V to (-12|12) V Rad-hard 4 to 16 line decoder/latch Rad-hard 3 to 8 line decoder latch Rad-hard octal bus buffer with 3 state outputs (non inverted) 型DC - DC电压转换 Rad-hard 8-input NAND gate 型DC - DC电压转换 Rad-hard octal bus buffer with 3 state outputs (inverted) 型DC - DC电压转换
|
Datel, Inc. Air Cost Control RECOM Electronic GmbH Electronic Theatre Controls, Inc.
|
M54HC165D M54HC165D1 |
RAD-HARD 8 BIT PISO SHIFT REGISTER
|
SGS Thomson Microelectronics
|
M54HC597D M54HC597D1 M54HC597K M54HC597K1 |
RAD-HARD 8 BIT LATCH/SHIFT REGISTER
|
STMicroelectronics
|
M54HC163 M54HC16304 M54HC163D1 M54HC163K M54HC163K |
RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
|
ST Microelectronics STMicroelectronics
|
54AC164245 RHRAC164245K01V RHRAC164245K1 |
Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
|
STMicroelectronics
|
ISL70001ASEHVFE ISL70001ASEHF ISL70001ASEHVX ISL70 |
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
|
Intersil Corporation
|
5962R9672201VCC 5962R9672201QXC 5962R9672302VCC 59 |
Line Receiver, Party, Triple, Rad-Hard Line Receiver, Triple, Rad-Hard Line Transmitter, Triple, Rad-Hard Radiation Hardened Triple Line Transmitter
|
Intersil Corporation
|
RHRXH162374K-02Q RHRXH162374K-02V RHRXH162374K-01Q |
Rad hard low voltage CMOS 16-bit D-type Flip-Flop with 3.6V tolerant inputs and outputs
|
STMicroelectronics
|
54VCXH162373 RHFXH162373K-01Q RHFXH162373K-01V |
Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6V tolerant inputs and outputs
|
STMicroelectronics
|