PART |
Description |
Maker |
STB6NA80 4233 STB6NA80-1 STB6NA80T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 5.7A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 5.7A I(D) | TO-262VAR N-CHANNEL Power MOSFET N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FQP7N80C FQPF7N80C |
CONN 26POS 2MM SOCKET R/A PC MT 800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET CONN 26POS 2MM SOCKET STR PC SMD 6.6 A, 800 V, 1.9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STP4NC80Z STB4NC80ZT4 STB4NC80Z-1 STB4NC80Z STP4NC |
N-CHANNEL 800V 2.4 OHM 4A TO-220 TO-220FP D2PAK I2PAK ZENER PROTECTED POWERMESH III MOSFET N沟道800V.4欧姆4A条到22020FP采用D2PAK I2PAK稳压第三MOSFET的保护POWERMESH N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N沟道800V 2.4ohm - 4A条TO-220/FP/D2PAK/I2PAK齐保护的PowerMESH⑩三MOSFET N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STU9NB80 6748 |
N-CHANNEL 800V - 0.85 Ohm - 9.3A - TO-247 PowerMESH MOSFET From old datasheet system N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STP5NK80 STP5NK80Z STP5NK80ZFP |
N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESH⑩Power MOSFET N沟道800V 1.9ohm - 4.3A TO-220/TO-220FP齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESHPower MOSFET N-CHANNEL 800V 1.9 OHM 4.3A TO-220/TO-220FP ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRFK4HE50 |
800V,26A,N-Channel HEXFET Power MOSFET(800V,26A,N沟道 HEXFET 功率MOS场效应管) 800V的,26A,N沟道HEXFET功率MOSFET00V的,26A条,沟道的HEXFET功率马鞍山场效应管)
|
International Rectifier, Corp.
|
STB12NK80Z STB12NK80Z07 STP12NK80Z STW12NK80Z |
N-channel 800V - 0.65Ω - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH?/a> Power MOSFET N-channel 800V - 0.65Ω - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH Power MOSFET N-channel 800V - 0.65楼? - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH垄芒 Power MOSFET N-channel 800V - 0.65ヘ - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH⑩ Power MOSFET
|
STMicroelectronics
|
STP7NB80FP STP7NB80 P7NB80FP 6564 |
N - CHANNEL 800V - 1.2 - 6.5A - TO-220/TO-220FP PowerMESH TM MOSFET N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET From old datasheet system N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STW11NB80 6750 |
N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET From old datasheet system N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET N-CHANNEL 800V - 0.65 - 11A - T0-247 PowerMESH TM MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
SPI08N80C3 |
for lowest Conduction Losses & fastest SwitchingPlease note: Infineon has changed the CoolMOS 800V C2 marking to C3. 800V C2 ...
|
Infineon
|