PART |
Description |
Maker |
PS7141L-1C PS7141-1C PS7141L-1C-E4 |
Solid State Relay OCMOS FET(固态继电器) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
NEC Corp.
|
53258 |
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
CPC177710 CPC1777J |
i4-PAC DC Power Relay i4-PACDC Power Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX i4-PAC?DC Power Relay
|
Clare, Inc.
|
AQV210EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
LH1500AAB LH1500AABTR LH1500AT |
Solid State Relay (LH1500AAB/AT/AABTR) Solid State Relay Solid State Relay 固态继电器
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
CPC1981Y |
Power SIP Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Clare, Inc.
|
RIF-0-BSC |
RIF-0... relay base, for miniature power relay with 1 changeover contact or identical solid-state relays, screw connection, for mounting on NS 35/7,5
|
PHOENIX CONTACT
|
RIF-RHM-1 |
Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 16 mm high octal miniature power and solid-state relays
|
PHOENIX CONTACT
|
VND05BSP VND05 VND05BSP13TR -VND05BSP |
CAPACITOR, CLASS Y2 4.7NFCAPACITOR, CLASS Y2 4.7NF; Capacitance:4.7nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. ISO HIGH SIDE SMART POWER SOLID STATE RELAY DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SO845070 |
Power Solid State Relay
|
celduc-relais
|