PART |
Description |
Maker |
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
5962-8994302QX 5962-8994303QX 5962-8994305QX 5962- |
Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit 多模先进先出 High-Efficiency, Current-Mode, Inverting PWM Controller 多模先进先出 White LED Step-Up Converter in SOT23 多模先进先出
|
PHOENIX CONTACT Deutschland GmbH
|
AIC1628 AIC1628CN AIC1628CS |
3-Cell, High-Efficiency, Step-Up DC/DC Converter 3节电池,高效率,升压型DC / DC转换 3-Cell/ High-Efficiency/ Step-Up DC/DC Converter
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
SP6642 SP6642EU SP6642UEB SP6643 SP6643EU |
Single Alkaline Cell High Efficiency Step-Up DC-DC Converter Application Note:High Current Output Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
|
SIPEX[Sipex Corporation]
|
LTC3250-1.2 3250FA LTC3250ES6-1.5 LTC3250ES6-1.2 L |
From old datasheet system High Efficiency, Low Noise,
Inductorless Step-Down
DC/DC Converter High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.35 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6
|
Cypress Semiconductor Corp. Linear Technology, Corp.
|
RT9902 RT9902GQV RT9902PQV |
4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
|
Richtek Technology Corporation
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
LTC3404 LTC3404EMS8 |
1.4MHZ HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP-DOWN REGULATOR LTC3404, 1.4MHz 600mA High Efficiency Monolithic Synchronous Step-down Regulator
|
LINER[Linear Technology]
|
LT10701 LT1071HVCTPBF LINEARTECHNOLOGYCORP-LT1070I |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2.5 A SWITCHING REGULATOR, 40 kHz SWITCHING FREQ-MAX, PZFM5 5A and 2.5A High Efficiency Switching Regulators
|
Linear Technology, Corp.
|
LTC15741 LTC1574CS-5TR LTC1574-3.3-15 LTC1574-5 LT |
High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1 A SWITCHING REGULATOR, 200 kHz SWITCHING FREQ-MAX, PDSO16 High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
|
Linear Technology, Corp.
|