PART |
Description |
Maker |
KA2206NNBSP KA2206N KA2206 |
2.3W Dual Audio Power Amplifier From old datasheet system Dual Audio Amplifier
|
Samsung Electronics Inc
|
MAX9700 MAX9700DEUBT |
Single Audio Amplifier 0.8 W, 1 CHANNEL, AUDIO AMPLIFIER, PDSO10 1.2W, Low-EMI, Filterless, Class D Audio Amplifier
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
TA7270P TA7271P TA727OP TOSHIBACORPORATION-TA727OP |
Inductor; Inductor Type:Standard; Inductance:40uH; Series:CMS; DC Resistance Max:0.008ohm; Package/Case:PCB Surface Mount; Core Material:Ferrite; Current, It rms:4.4A; Leaded Process Compatible:Yes; Leakage Inductance:0.34uH RoHS Compliant: Yes 5.8W DUAL AUDIO POWER AMPLIFIER 5.8W DUAL, 19W BTL AUDIO POWER AMPLIFIER From old datasheet system
|
Toshiba Corporation Toshiba Semiconductor
|
APA4863KI-TRG APA4863OI-TRG APA4863RI-TRG APA48630 |
Stereo 2.2W Audio Power Amplifier 2.7 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO20 GREEN, MO-153AC, TSSOP-20 2.7 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO16
|
Anpec Electronics Coropration Anpec Electronics, Corp. ANPEC ELECTRONICS CORP
|
TEA0676T |
Dual pre-amplifier and equalizer for reverse tape decks(应用于倒带的双通道前置放大器和均衡 2 CHANNEL, AUDIO AMPLIFIER, PDSO16
|
NXP Semiconductors N.V.
|
BS616LV2016 BS616LV201 BS616LV2016DC BS616LV2016EI |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 LM4935 Boomer ® Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC; Package: MICRO SMDXT; No of Pins: 49 非常低功电压CMOS SRAM28K的16 LM49370 Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers; Package: MICRO SMDXT; No of Pins: 49 Asynchronous 2M(128Kx16) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
2SC2458 2SC2458L |
Transistor Silicon NPN Epitaxial Type (PCT process) Audio Amplifier Applications Low Noise Audio Amplifier Applications TRANSISTOR (AUDIO AMPLIFIER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
TDA8932BT TDA8932B TDA8932BTW TDA8932BTW/N2518 TDA |
Class-D audio amplifier Class-D audio amplifier; Package: SOT549-1 (HTSSOP32); Container: Reel Dry Pack, SMD, 13" Class-D audio amplifier
|
NXP Semiconductors
|
AT49BV040- AT49LV040 AT49BV040 AT49BV-LV040 AT49BV |
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier; Package: LLP; No of Pins: 8 LM4663 Boomer ® Audio Power Amplifier Series 2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 24 512K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 LM4549A AC '97 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound; Package: LQFP; No of Pins: 48 LM4664 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1.1W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MAX6326-22D MAX6326-22W MAX6326-23D MAX6326-23W MA |
3-pin ultra-low power SC70/SOT microprocessor reset circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 BACKSHELL 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 CLAMP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 350-mW Stereo Class-AB Audio Amplifier 8-SOIC CONNECTOR 350-mW Mono Class-AB Audio Amplifier 8-SOIC 9-W Stereo Class-D Audio Power Amplifier with Volume Control (TPA3002) 48-HTQFP -40 to 85 20-W Mono Class-D Audio Power Amplifier (TPA3001) 24-HTSSOP -40 to 85 40-W Mono Class-D Audio Power Amplifier (TPA3106) 32-HLQFP -40 to 85 10-W Stereo Class-D Audio Power Amplifier (TPA3101) 48-VQFN -40 to 85
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
GC509 GC509-CHIP GC509-MCRO |
AUDIO AMPLIFIER, PDSO10 GC509 - Class A Amplifier with 3 Independent Gain Blocks GC509 - A类放大器3独立增益模块 AUDIO AMPLIFIER, UUC10
|
GENNUM[Gennum Corporation] Samsung Semiconductor Co., Ltd.
|