PART |
Description |
Maker |
HCC40107BDG HCC4017BDG HCC4017BDT HCC4027BDG HCC40 |
Rad-hard dual 2-input NAND buffer/driver Rad-hard decade counter/divider Rad-hard dual J-K master-slave Flip-Flop Rad-hard triple 3-input NAND gate Rad-hard 4-bit magnitude comparator Rad-hard triple 3-input AND gate Rad-hard hex buffer 3-state non-inverter Rad-hard hex schmitt trigger Rad-hard hex inverting buffer/converter Rad-hard hex inverter
|
ST Microelectronics
|
BWR-12/335-D5A BWR-5/700-D5A BWR-5/700-D48A BWR-15 |
12V 7-10W, dual output DC/DC converter DC-DC Converter, (4.7 to 7.25) V to (-12|12) V Rad-hard 4 to 16 line decoder/latch Rad-hard 3 to 8 line decoder latch Rad-hard octal bus buffer with 3 state outputs (non inverted) 型DC - DC电压转换 Rad-hard 8-input NAND gate 型DC - DC电压转换 Rad-hard octal bus buffer with 3 state outputs (inverted) 型DC - DC电压转换
|
Datel, Inc. Air Cost Control RECOM Electronic GmbH Electronic Theatre Controls, Inc.
|
M54HC16604 M54HC166K1 M54HC166D1 M54HC166D |
RAD-HARD 8 BIT PISO SHIFT REGISTER
|
ST Microelectronics STMicroelectronics
|
UC3826N UC1826QTR |
Rad-hard 8 bit SIPO shift register Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V 模拟IC
|
STMicroelectronics N.V.
|
M54HC23704 M54HC237D M54HC237D1 M54HC237K |
RAD-HARD 3 TO 8 LINE DECODER LATCH
|
ST Microelectronics STMicroelectronics
|
M54HC4514K1 M54HC4514 M54HC4514D M54HC4514D1 M54HC |
RAD-HARD 4 TO 16 LINE DECODER/LATCH
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M54HC191D M54HC191D1 M54HC191K M54HC191K1 M54HC191 |
RAD-HARD 4 BIT SYNCHRONOUS UP/DOWN COUNTERS
|
ST Microelectronics STMicroelectronics
|
AT697F AT697F-2H-E AT697F-KG-E |
Rad-Hard 32 bit SPARC V8 Processor
|
ATMEL Corporation
|
TSC695F-25SASB |
Rad-Hard 32-bit SPARC Embedded Processor
|
Atmel Corp.
|
M54HC161D M54HC161D1 M54HC161K M54HC161K1 M54HC161 |
RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
|
STMicroelectronics ST Microelectronics
|
IRHF7310SE |
N-Channel Single Event Effect (SEE) Rad Hard HEXFET Transistor(N 沟道 单事件效Rad Hard HEXFET技术晶体管)
|
International Rectifier
|
FSL913A0D FSL913A0D1 FSL913A0D3 FSL913A0R FSL913A0 |
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF 7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7A 100V的,0.300欧姆,拉德硬,SEGR性,P通道功率MOSFET 7A/ -100V/ 0.300 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 5A/ -100V/ 0.680 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|