PART |
Description |
Maker |
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
HCS08MS FN3047 HCS08 HCS08D HCS08DMSR HCS08HMSR HC |
HC/UH SERIES, QUAD 2-INPUT AND GATE, CDFP14 From old datasheet system Radiation Hardened Quad 2-Input AND Gate AND-Gate, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
BWP-12/125-D12 BWP-12/125-D48 BWP-5/250-D48 BWP-15 |
Rad-hard 8 bit PISO shift register Rad-hard hex D-type flip flop with clear DC - DC电压转换 Rad-hard quad D-type flip flop with clear 型DC - DC电压转换
|
Sumida, Corp. 3M Company
|
HS-22620RH HS-2620RH HS-2622RH |
Op Amp, Dual, Wideband, High Input Impedance Uncompensated, 100MHz, 20V/s, Rad-Hard Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 500MΩ Input Impedance Op Amp, Single, 80MHz, 20V/s, Rad-Hard, 65MΩ Input Impedance
|
Intersil
|
HCTS08MS |
AND-Gate, 2-Input, TTL Inputs, Quad, Rad-Hard, High-Speed, CMOS, Logic
|
Intersil
|
BWR12/830D12 BWR12/830D48 BWR9/850D5 BWR12/625D5 |
Rad-hard 8-channel multiplexer (3-state) Rad-hard dual 4 channel multiplexer 3 state output Rad-hard octal D-type latch with 3 state output non inverting Rad-hard octal bus transceiver with 3 state outputs (non inverted) 模拟IC
|
STMicroelectronics N.V.
|
HCTS00MS |
NAND-Gate, 2-Input, TTL Inputs, Quad, Rad-Hard, High-Speed, CMOS, Logic
|
Intersil
|
MC14093BCL MC14093B ON0871 MC14093BCP MC14XXXBCL M |
QUAD 2 INPUT NAND SCHMITT TRIGGER From old datasheet system ORDERING INFORMATION IEEE 802.3af PoE Powered Device Controllers 8-TSSOP -40 to 85 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
5962F1321401V9A 5962F1321401VXC ISL70444SEHX/SAMPL |
19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
|
Intersil Corporation
|
HS-26C31RH HS-26CT31RH |
Differential Line Driver, Quad, CMOS Inputs and Enable, 5V, Rad-Hard Differential Line Driver, Quad, TTL Inputs and Enable, 5V, Rad-Hard
|
Intersil
|
M54HC86D M54HC86D1 M54HC86 |
RAD HARD QUAD EXCLUSIVE OR GATE
|
STMicroelectronics
|
|