PART |
Description |
Maker |
UC3655 |
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
|
Unisonic Technologies
|
SC197 |
3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
|
Semtech Corporation
|
XC9216 XC9215 XC9217 |
(XC9215 - XC9217) 500mA Synchronous Step-Down DC/DC Converters
|
Torex Semiconductor
|
MAX8561 |
4MHz, 500mA Synchronous Step-Down DC-DC Converters in SOT and TDFN
|
MAXIM - Dallas Semiconductor
|
LTC3630A-15 |
High Efficiency, 76V 500mA Synchronous Step-Down Converter
|
Linear Technology
|
MAX8640YEXT11T MAX8640YEXT12 MAX8640YEXT15 MAX8640 |
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
|
MAXIM - Dallas Semiconductor
|
MAX17501 |
60V, 500mA, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
|
Maxim Integrated Products
|
MCP1601 |
The MCP1601 is a synchronous Buck (step-down) switching regulator that can continuously supply 500mA of load current. This DC/DC converter can provide output voltages of 0.9V to Vin with an operating efficiency that can exceed 92%. Althoug 500 mA Synchronous BUCK Regulator From old datasheet system
|
Microchip Technology
|
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3826IG-1 LTC3826IG-1-PBF LTC3826IG-1-TR LTC3826 |
30µA IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller 30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
LINEAR TECHNOLOGY CORP
|
AAT1120 AAT1120IES-0.6-T1 |
500mA Step-Down Converter
|
Advanced Analog Technology, Inc. Advanced Analogic Technologies
|