PART |
Description |
Maker |
LTC3427 |
500mA 1.25MHz Synchronous Step-Up DC/DC Converter
|
Linear Technology
|
AKM62256LFP-10SLT AKM62256LP-10SL AKM62256LFP-8T A |
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C x8 SRAM x8的SRAM
|
|
GRM31CR71A475KA01 GRM31CR71A106KA01 RT8057 |
2.25MHz 1A Synchronous Step-Down Converter
|
Richtek Technology Corporation
|
LTC3407-3 |
Dual Synchronous 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3560 LTC3560E LTC3560ES6 LTC3560ES6LTCFY LTC356 |
2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
|
Linear Technology
|
LTC3410 |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology Corporation
|
LTC3407A-2 |
Dual Synchronous 800mA2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3407A-2-15 |
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3407-4 |
Dual Synchronous 800mA 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3448 3448F LTC3448EMS8E LTC3448EDD |
From old datasheet system 1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
|
Linear Technology
|
LTC3545IUD-1-PBF LTC3545IUD-1-TRPBF LTC3545EUD-PBF |
Triple 800mA Synchronous Step-Down Regulator - 2.25MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PQCC16 Triple 800mA Synchronous Step-Down Regulator - 2.25MHz; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PQCC16 Triple 800mA Synchronous Step-Down Regulator-2.25MHz
|
Linear Technology, Corp.
|