PART |
Description |
Maker |
SP6652ER SP6652_07 SP6652 SP6652ER_TR SP6652ER-L S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator High Efficiency Synchronous Step-Down Converter
|
SIPEX[Sipex Corporation]
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CS3972YTVA5 CS3972YTHA5 CS3972 CS3972YDW16 CS3972Y |
1.25A High Efficiency Switching Regulator 5V/ 750mA Linear Regulator with RESET RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
RU2M RU2AM RU2AMZ RU2MZ |
(RU2MZ / RU2AMZ) HIGH EFFICIENCY RECTIFIER (RU2M / RU2AM) HIGH EFFICIENCY RECTIFIER
|
Galaxy Semi-Conductor Holdings Limited BILIN
|
LTC1436AIGN-PLL LTC1436ACGN-PLL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Noise Synchronous Step-Down Switching Regulators
|
http:// Linear Technology Corporation
|
PCB-1208-1YG PCB-1208-102 |
DUAL COLOR LED, YELLOW/HIGH EFFICIENCY GREEN, 5 mm SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm
|
LEDtronics, Inc. LEDTRONICS INC
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
MAX764 MAX764CPA MAX764CSA MAX764EPA MAX764ESA MAX |
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters 1.5 A SWITCHING REGULATOR, 300 kHz SWITCHING FREQ-MAX, PDSO8 -5V/-12V/-15V or Adjustable / High-Efficiency / Low IQ DC-DC Inverters From old datasheet system -5V/-12V/-15V or Adjustable High-Efficiency Low IQ DC-DC Inverters
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AP1695MTR-G1 |
500V, 2A MOSFET, OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
|
Diodes
|