PART |
Description |
Maker |
TDA8920C09 TDA8920C TDA8920CJ TDA8920CTH TDA8920CJ |
2 垄楼 110 W class-D power amplifier 2 麓 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 x 110 W class-D power amplifer, SOT411-1 (DBS23P), Tube 110 W, 2 CHANNEL, AUDIO AMPLIFIER, PZFM23 2 X 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 X 110 W class-D power amplifier
|
NXP Semiconductors N.V.
|
AFS5-10951175-09-10P-5 AFS42-04400510-07-10P-44 AF |
10950 MHz - 11750 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 4400 MHz - 5100 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 2200 MHz - 2300 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 1400 MHz - 1700 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 6700 MHz - 7100 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 700 MHz - 800 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 7900 MHz - 8400 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
MITEQ INC
|
MAX6326-22D MAX6326-22W MAX6326-23D MAX6326-23W MA |
3-pin ultra-low power SC70/SOT microprocessor reset circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 BACKSHELL 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 CLAMP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 350-mW Stereo Class-AB Audio Amplifier 8-SOIC CONNECTOR 350-mW Mono Class-AB Audio Amplifier 8-SOIC 9-W Stereo Class-D Audio Power Amplifier with Volume Control (TPA3002) 48-HTQFP -40 to 85 20-W Mono Class-D Audio Power Amplifier (TPA3001) 24-HTSSOP -40 to 85 40-W Mono Class-D Audio Power Amplifier (TPA3106) 32-HLQFP -40 to 85 10-W Stereo Class-D Audio Power Amplifier (TPA3101) 48-VQFN -40 to 85
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
RFSP2020 PRFS-P2020-005 PRFS-P2020-006 PRFS-P2020- |
The RFS P2020 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... Single-band power amplifiers 2.4-2.5 GHz Power Amplifier
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
TGA9083-EEU TGA9083 |
TV 6C 6#8(TWIN) PIN PLUG RECP RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER Monolithic Power Amplifier
|
TriQuint Semiconductor, Inc. TRIQUINT[TriQuint Semiconductor]
|
KIA6419 KIA6419F KIA6419P |
55mW AF Power Amplifier SILICON MONOLITHIC INTEGRATED CIRCUIT (LOW POWER AUDIO AMPLIFIER)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
AD621 AD621ARZ-R7 AD621AR-REEL AD621AR-REEL7 AD621 |
-18V; 650mW; low drift, low power instrumentation amplifier. For weigh scales, transduver interface and data acquisition systems Low Drift, Low Power Instrumentation Amp with fixed gains of 10 and 100 INSTRUMENTATION AMPLIFIER, 185 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8 Low Cost,Low Power Instrumention Amplifier
|
Analog Devices, Inc.
|
AWT6137M7P8 AWT6137 |
HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module 帮助蜂窝双模的AMPS / CDMA.4V/28dBm线性功率放大器模块 The AWT6137 CDMA/AMPS Power Amplifier is a high performance CDMA2000/1XRTT amplifier designed specifically for Cellular wireless ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
AT49BV040- AT49LV040 AT49BV040 AT49BV-LV040 AT49BV |
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier; Package: LLP; No of Pins: 8 LM4663 Boomer ® Audio Power Amplifier Series 2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 24 512K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 LM4549A AC '97 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound; Package: LQFP; No of Pins: 48 LM4664 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1.1W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MF-MSMD MF-MSMD075 |
19 - 38 GHz Medium Power Amplifier Ka-Band Packaged 1 W Power Amplifier
|
Bourns Inc.
|