PART |
Description |
Maker |
CY62137CVSL-70BVI CY62137CV CY62137CV25 CY62137CV2 |
Very high speed: 55 ns and 70 ns (CY62137CV25 / CY62137CV30 / CY62137CV33) 2M (128K x 16) Static RAM 32-Bit Transparent D-Type Latch with 3-State Outputs 96-LFBGA -40 to 85 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 55 ns, PBGA48 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1019CV33 CY7C1019CV33-12VI CY7C1019CV33-15VC C |
128K x 8 Static RAM 128K的8静态RAM JT 26C 26#20 SKT RECP 128K X 8 STANDARD SRAM, 8 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 Memory : Async SRAMs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
CY7C1024DV33-8BGXC |
3-Mbit (128K X 24) Static RAM 128K X 24 STANDARD SRAM, 8 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
XVB-C5B4 XVB-C4B4 XVB-L4B4 XVB-C38 XVB-L4B5 XVB-C2 |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 4-Mbit (512K x 8) MoBL® Static RAM MoBL® 2-Mbit (128K x 16) Static RAM TetraHub High-Speed USB Hub Controller CY7C602xx Wireless; Memory Size: 8K; RAM: 256B; Vcc (V): 2.7-3.6V; Core: M8C; Code Memory Architecture: Flash; Development Kit: CY3655 镜头单元LED绿色24V 镜头单元闪烁的红 LENS UNIT LED ORANGE 24V 镜头组带领橙24V SMD IC USB DRIVER
|
STMicroelectronics N.V.
|
CY7C1011DV33 CY7C1011DV33-10BVI CY7C1011DV33-10BVX |
2-Mbit (128K x 16)Static RAM
|
Cypress Semiconductor
|
CY62136FV30LL-45ZSXA |
2 Mbit (128K x 16) Static RAM
|
Cypress Semiconductor
|
CY62128E09 |
1-Mbit (128K x 8) Static RAM
|
Cypress Semiconductor
|
CY62137EV30 CY62137EV30LL-45BVXI CY62137EV30LL-45Z |
2-Mbit (128K x 16) Static RAM
|
Cypress Semiconductor
|