PART |
Description |
Maker |
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ZXCL330E5 ZXCL280 ZXCL280E5 ZXCL280H5 ZXCL1250H5 Z |
ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS IC-SM-2.6V 150MA LDO REG Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 IC-SM-2.8V 150MA LDO REG
|
ZETEX[Zetex Semiconductors] Vishay Semiconductors ZETEX PLC
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
SPX1121N-5-0/TR SPX1121N-3-3/TR |
150mA Low Dropout Voltage Regulator
|
Sipex Corporation
|
MIC5205 MIC5205-2.5BM5 MIC5205-2.7BM5 MIC5205-2.85 |
150mA Low-Noise LDO Regulator Low Input Voltage 3A Synchronous Buck Converter with 3.3V Output 20-HTSSOP -40 to 85 3V to 6V, 3A, 1.6MHz Synchronous Step Down SWIFT Converter 24-VQFN -40 to 125 Automotive Catalog 3-V to 6-V Input 3-A Output Synchronous-Buck PWM Switcher 20-HTSSOP -40 to 125 150mA Low-Noise LDO Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA Low-Noise LDO Regulator 3.6 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA Low-Noise LDO Regulator 2.9 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC
|
AS1353 AS1356 |
Linear Low-Dropout 150mA Voltage Regulators
|
austriamicrosystems AG
|
AS1356-27-T AS1356-33-T |
Linear Low-Dropout 150mA Voltage Regulators
|
austriamicrosystems AG
|
TS2950CPRO TS2950ACPRO TS2950ACTB0 TS2950ACTA3 TS2 |
150mA Ultra Low Dropout Voltage Regulator
|
Taiwan Semiconductor Company, Ltd
|
APL5151 |
(APL5151 - APL5154) Low Dropout 150mA Fixed Voltage Regulator
|
Anpec Electronics
|
LX8630-00CDD LX8630-00CP LX8630-25CDD LX8630-25CP |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3A BiCMOS Very Low Dropout Regulators
|
MICROSEMI[Microsemi Corporation]
|