PART |
Description |
Maker |
MJ16018 MJW16018 ON1986 |
Power 10A 800V NPN From old datasheet system NPN Silicon Power Transistors POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS 10 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-247AE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
MJW3281AG MJW3281A10 MJW1302AG |
Complementary NPN-PNP Silicon Power Bipolar Transistors 15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS 15 A, 230 V, NPN, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Silicon Power Bipolar Transistors
|
ON Semiconductor
|
MJ16010 MJ16012 MJW16012 MJW16010 ON1985 |
15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE NPN SILICON POWER TRANSISTORS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BUX85_D ON0262 BUX85 |
SITCHMODE NPN Silicon Power Transistors From old datasheet system 2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
|
ON Semiconductor Motorola, Inc
|
2SC4414 |
NPN Epitaxial Planar Silicon Transistors Low-Frequency Power Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BUX48A BUV48A BUV48AFI BUX48 |
HIGH POWER NPN SILICON TRANSISTORS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated HIGH POWER NPN SILICON TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
NJT4031N NJT4031NT1G NJT4031NT3G |
NPN SOT223 40V/3A Low VCE(sat) Power Transistor Bipolar Power Transistors NPN Silicon
|
ON Semiconductor
|
2N6338 2N6339 2N6341 2N6340 2N6338-D |
High-Power NPN Silicon Transistors POWER TRANSISTORS NPN SILICON
|
ONSEMI[ON Semiconductor]
|
2SC2371 |
NPN Silicon Power Transistors 0.1 A, 300 V, NPN, Si, POWER TRANSISTOR, TO-126
|
Micro Commercial Components, Corp.
|
PMD11K80 PMD11K PMD11K100 PMD11K60 PMD10K80 PMD10K |
Silicon Power Darlington Transistors SILICON POWER DARLING TRANSISTORSl 12 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|