PART |
Description |
Maker |
MJW3281AG MJW3281A10 MJW1302AG |
Complementary NPN-PNP Silicon Power Bipolar Transistors 15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS 15 A, 230 V, NPN, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Silicon Power Bipolar Transistors
|
ON Semiconductor
|
2SA2118 |
Power Device - Power Transistors - General-Purpose power amplification Power Transistors Silicon PNP epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2N4920 2N4919 2N4918 2N491-D |
Medium-Power Plastic PNP Silicon Transistors GENERAL.PURPOSE POWER TRANSISTORS
|
ONSEMI[ON Semiconductor]
|
MPS2925 2N2925 PN2905 2N2905 |
PNP SILICON PLANAR EPITAXIAL TRANSISTORS PNP SILICON TRANSITOR PNP SILICON TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
BCY72 BCY70 BCY71 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% PNP SILICON TRANSISTORS PNP SILICON PLANAR EPITAXIAL TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
MJ3281A NH1302A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS COMEPLEMENTARY NPN-PNP SILICON POWER BOPOLAR TRANSISTOR
|
Motorola Inc MOTOROLA[Motorola, Inc]
|
DTA143EM3T5G |
Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
2SA957 2SA958 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
MJL21193 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
BD436 BD438 BD434 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|