PART |
Description |
Maker |
2SB798 2SB798-T2 2SB798-T1 2SB794L 2SB798DK-AZ 2SB |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD PACKAGE-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1.5A I(C) | TO-126 PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
IRC Advanced Film NEC[NEC]
|
BD802 |
Plastic High Power Silicon PNP Transistor POWER TRANSISTORS PNP SILICON
|
Motorola, Inc Motorola Inc ON Semiconductor
|
2SB943 2SD1268 |
Silicon PNP epitaxial planar type(For power switching) 3 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220F
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SA965 2SA965O 2SA965Y |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE. DRIVER STAGE AND POWER AMPLIFIER APPLICATIONS TOSHIBA TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | TO-92VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
TOSHIBA[Toshiba Semiconductor]
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
TWT4805-15BI TWT1205-15BI TWT4805-15BZ TWT2405-15B |
COMPLEMENTARY SILICON POWER TRANSISTORS High power NPN silicon transistor Silicon NPN switching transistor Silicon NPN transistor PNP power transistor Small signal NPN transistor Medium power NPN silicon transistor Dual npn-pnp complementary bipolar transistor Complementary power transistors NPN power transistors 模拟IC Analog IC 模拟IC
|
RECOM Electronic GmbH Vishay Intertechnology, Inc.
|
TIP32 TIP32B TIP32C TIP32A |
3 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER TRANSISTORS
|
Power Innovations Limited POINN[Power Innovations Ltd]
|
FCX1151A FCX1151ATA |
PNP Low Sat Transistor SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR 3000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX[Zetex Semiconductors] Diodes Incorporated List of Unclassifed Manufacturers
|
2N4399 |
PNP Silicon High-Power Transistor(60V(集电极-发射极)硅PNP大功率晶体管) 30 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
ON Semiconductor
|
BD544 BD544C BD544A BD544B |
PNP SILICON POWER TRANSISTORS ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% 8 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220
|
http:// POINN[Power Innovations Ltd] Power Innovations Limited Power Innovations International, Inc.
|
CFB810 |
60.000W Medium Power PNP Plastic Leaded Transistor. 110V Vceo, 8.000A Ic, 1000 hFE. PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR TRANSISTOR | BJT | DARLINGTON | PNP | 110V V(BR)CEO | 8A I(C) | TO-220FP
|
Continental Device India Limited
|