PART |
Description |
Maker |
XKH20120 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
XKM22440 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
PLC-BSC-5DC |
6.2 mm PLC basic terminal block with screw connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 5 V DC
|
PHOENIX CONTACT
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
DRD48A20 DRD48R20 DRD48D20 DRD48D25 |
Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
|
Teledyne Technologies Incorporated
|
DRS24D25 DRS48D25 DRS48D30 |
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
|
Teledyne Technologies Incorporated
|
PSBDIN30D241000 PSBDIN30D241600 PSBDIN30D242500 PS |
DIN Ready Solid State Relay DIN Ready Solid State Relay
|
Powersem GmbH
|
SSRM-600A45 SSRM-600A55 SSRM-600A65 SSRM-600D45 SS |
45-65A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
|
Tyco Electronics
|
PS7111-2A01 PS7111-2A PS7111L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8 PIN DIP SOLID STATE RELAY
|
NEC Duracell
|
SN-A24B SN-A200BF SN-A100BF SN-A12B SN-D100BF SN-D |
SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4
|
Fujitsu Component Limited. http:// FUJITSU Component., Ltd.
|
4GH8621 4GH862M 4GH862R 4GH862T 4GH8441 4SH8805 4G |
POWER/SIGNAL RELAY, 8PST, MOMENTARY, 100VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 8PST, MOMENTARY, 24VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 8PST, MOMENTARY, 110VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 8PST, MOMENTARY, 12VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 8PST, MOMENTARY, 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 5PST, MOMENTARY, 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 8PST, MOMENTARY, 220VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 8PST, MOMENTARY, 200VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 4PST, MOMENTARY, 100VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 4PST, MOMENTARY, 200VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT
|
FUJI ELECTRIC CO LTD
|
|