PART |
Description |
Maker |
IR21834 |
High and Low Side Driver, SoftTurn-On, Low Side Inverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground, Programmable Deadtime in a 14-pin DIP package
|
International Rectifier
|
AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC User Programmable Special Function ASIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC 用户可编ASIC的特殊功 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功
|
Amphenol, Corp.
|
RIC7113A4 |
RadHard High and Low Side 400V MOSFET and IGBT Gate Driver RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
|
IRF[International Rectifier]
|
IPS511S IPS511 IPS511STRL |
Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak 5-Lead Package Intelligent Power Switch 1 Channel High Side Driver in a TO-220FL Package FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
|
IRF[International Rectifier]
|
CAT24FC256 CAT24FC256JA CAT24FC256JE CAT24FC256JI |
256K-Bit I2C Serial CMOS EEPROM 256K位I2C串行CMOS EEPROM LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: LLP; No of Pins: 10 256K位I2C串行CMOS EEPROM LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: LLP; No of Pins: 10 LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: SOIC NARROW; No of Pins: 8 Serial EEPROM, Full Array Write Protect, 256Kb, 400kHz
|
ITT, Corp. NXP Semiconductors N.V. CATALYST[Catalyst Semiconductor]
|
MC33285 MC33285D |
Dual High Side TMOS Driver(双高TMOS驱动 双高边坡TMOS驱动器(双高端的TMOS驱动器) Automotive Dual High Side TMOS Driver
|
飞思卡尔半导体(中国)有限公司 Freescale Semiconductor, Inc
|
MAX1614 MAX1614EUA 1669 MAX1614C_D MAX1614C/D |
High-Side / N-Channel MOSFET Switch Driver High-Side, N-Channel MOSFET Switch Driver From old datasheet system RJ11 AND RJ45 2-15 POS CRIM
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TLE82452-3SA TLE82452-3SA-15 |
2 Channel High-Side and Low-Side Linear Solenoid Driver IC
|
Infineon Technologies A...
|
DGD2106S8-13 |
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
|
Diodes Incorporated
|
IR2131SPBF IR2131-15 |
3 HIGH SIDE AND 3 LOW SIDE DRIVER
|
International Rectifier
|
IR6210 IR6210S IR6210STR IR6210STRL |
Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak 5-Lead Package Intelligent Power Switch 1 Channel High Side Driver in a TO-220FL Package INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
|
International Rectifier
|