PART |
Description |
Maker |
STL8NH3LL |
N-CHANNEL 30 V - 0.012 з - 8 A PowerFLATULTRA LOW GATE CHARGE STripFETMOSFET N沟道30 0.012з - 8甲的PowerFLAT⑩超低栅极电荷STripFET⑩MOSFET N-CHANNEL 30 V - 0.012 з - 8 A PowerFLAT⑩ ULTRA LOW GATE CHARGE STripFET⑩ MOSFET N-CHANNEL MOSFET N-CHANNEL 30 V - 0.012 ?- 8 A PowerFLAT ULTRA LOW GATE CHARGE STripFET MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HUF75339G3 HUF75339P3 HUF75339S3S |
75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs 75 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 75A 55V 0.012 Ohm N-Channel UltraFET Power MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AP62T03GJ AP62T03GH AP62T03GH-J AP62T03GJ14 AP62T0 |
54 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 ROHS COMPLIANT PACKAGE-3 54 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 ROHS COMPLIANT PACKAGE-3 Lower Gate Charge, Simple Drive Requirement
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
2SK3570 2SK3570-Z 2SK3570-ZK |
48 A, 20 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263
|
|
STH80N05 STH80N05FI |
80 A, 50 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-218 52 A, 50 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-218
|
STMICROELECTRONICS
|
APM7512NG-TRG |
75 A, 75 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
ANPEC ELECTRONICS CORP
|
STB60NF06L STP60NF06LFP STP60NF06L STB60NF06LT4 |
N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET?/a> II POWER MOSFET N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET II POWER MOSFET N-CHANNEL 60V - 0.012 OHM - 60A D2PAK/TO-220/TO-220FP STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET⑩ II POWER MOSFET N-CHANNEL Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ITF86116SQT FN4808 |
10A, 30V, 0.012 Ohm, N-Channel, Logic Level, Power MOSFET From old datasheet system
|
Intersil
|
AP9974AGH-HF |
68 A, 60 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 N-CHANNEL ENHANCEMENT MODE POWER MOSFET
|
Advanced Power Electronics, Corp. Advanced Power Electron...
|
STD40NF03L -STD40NF03L |
N-CHANNEL 30V - 0.012 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
|