PART |
Description |
Maker |
SIC841160 |
New Solid State Relay compact size pitch 22,5mm
|
celduc-relais
|
SIC864520 |
New Solid State Relay compact size pitch 22,5mm
|
celduc-relais
|
10LPCV2415 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
PS7141L-1C PS7141-1C PS7141L-1C-E4 |
Solid State Relay OCMOS FET(固态继电器) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
NEC Corp.
|
LR1200480D25 LR600240D25 |
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,Module TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
SIL465000 |
Power Solid State Relay With Analog Control, pitch 22.5mm compact size and DIN rail mounting.
|
celduc-relais
|
AQV454 AQV454AZ |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
PANASONIC CORP
|
AQV210EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
G3M-102PL-US G3M-202PL-US G3M-102PL-US-4 G3M-202PL |
Solid State Relays TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX SIP-4
|
Omron Electronics LLC Analog Devices, Inc. Mitsubishi Electric, Corp.
|
HSSR-8200 |
60 V/0.7 Ohm/ General Purpose/ 1 Form A/ Solid State Relay 200-V/160 Ohm/ 1 Form A/ Small-Signal Solid State Relay 200-V/160 Ohm, 1 Form A, Small-Signal Solid State Relay
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
|